Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5259
Description  MAX5258 Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5259 Datasheet HTML 1Page - Maxim Integrated Products MAX5259 Datasheet HTML 2Page - Maxim Integrated Products MAX5259 Datasheet HTML 3Page - Maxim Integrated Products MAX5259 Datasheet HTML 4Page - Maxim Integrated Products MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MAX5258 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Required Equipment
Before beginning, the following equipment is needed:
MAX5258 EV kit (USB cable included)
A user-supplied Windows 2000/XP- or Windows
Vista-compatible PC with a spare USB port
Two digital voltmeters (DVMs)
USB powered. Use optional external power supply
for enhanced performance.
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows operating system.
Procedure
The MAX5258 EV kit is fully assembled and tested.
Follow the steps below to verify board operation:
1) Visit www.maxim-ic.com/evkitsoftware to down-
load the latest version of the EV kit software,
5258Rxx.ZIP. Save the EV kit software to a tempo-
rary folder and uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the tempo-
rary folder. The program files are copied and icons
are created in the Windows Start | Programs menu.
3) Verify that all jumpers (JU1–JU7) are in their default
positions, as shown in Table 1.
4) Connect the USB cable from the PC to the EV kit
board. A New Hardware Found window pops up
when installing the USB driver for the first time. If
you do not see a window that is similar to the one
described above after 30 seconds, remove the USB
cable
from
the
board
and
reconnect
it.
Administrator privileges are required to install the
USB device driver on Windows.
5) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Program Files\MAX5258 (default installation
directory) using the Browse button. During device
driver installation, Windows may show a warning
message indicating that the device driver Maxim
uses does not contain a digital signature. This is not
an error condition and it is safe to proceed with
installation. Refer to the USB_Driver_Help.PDF doc-
ument included with the software for additional
information.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
U4
1
UART-to-USB converter (32 TQFP)
U5
1
3.3V regulator (5 SC70)
Maxim MAX8511EXK33+T
(Top Mark: AEI)
U6
1
2.5V regulator (5 SC70)
Maxim MAX8511EXK25+T
(Top Mark: ADV)
U7
1
+4.096V voltage reference (8 SO)
Maxim MAX6126AASA41+
U8, U9, U10
3
Dual 1.8V to 5V level translators
(8 SSOP)
(Top Mark: CT2_)
Y1
1
16MHz crystal (HCM49)
Hong Kong X’tals
SSM1600000E18FAF
Y2
1
6MHz crystal (HCM49)
Hong Kong X’tals
SSL6000000E18FAF
7
Shunts
1
USB high-speed A-to-B cable, 6ft
1
PCB: MAX5258 Evaluation Kit+
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Hong Kong
X’tals Ltd.
852-35112388
www.hongkongcrystal.com
TDK Corp.
847-803-6100
www.component.tdk.com
MAX5258 EV Kit Files
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX5258.EXE
Application program
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstalls the EV kit software
USB_Driver_Help.PDF
USB driver installation help file
*
EP = Exposed pad.
Note: Indicate that you are using the MAX5258 or MAX5259
when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com