Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5259
Description  MAX5258 Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5259 Datasheet HTML 1Page - Maxim Integrated Products MAX5259 Datasheet HTML 2Page - Maxim Integrated Products MAX5259 Datasheet HTML 3Page - Maxim Integrated Products MAX5259 Datasheet HTML 4Page - Maxim Integrated Products MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6) Start the MAX5258 EV kit software by opening its
icon in the Start | Programs menu. When the Part
Selection window appears, click on the MAX5258
radio button and then press the Next button. The
EV kit software main window appears, as shown in
Figure 1.
7) To measure the OUTA voltage, connect the first
DVM between H2-1 (OUTA) and H2-2 (GND).
8) To measure the OUTB voltage, connect the second
DVM between H2-3 (OUTB) and H2-4 (GND).
9) Verify that the voltage on both DVMs is approxi-
mately 0V.
10) Enter 0x3F into the D7 - D0 (Shift Register Data
Bits) edit box.
11) Press the Load All DACs button.
12) Verify that the voltage shown on both DVMs is
approximately 1V.
Detailed Description of Software
The main window of the evaluation software (shown in
Figure 1) displays the voltages and codes for all DAC
input and output registers. In addition, the main window
has two tabs. The Load DACs tab sheet controls all of
the DAC loading features of the MAX5258. The
MAX5258 Evaluation Kit
_______________________________________________________________________________________
3
Figure 1. MAX5258 EV Kit Software Main Window (Load DACs Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com