Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3212A Datasheet(PDF) 52 Page - STMicroelectronics

Part # UPSD3212A
Description  Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3212A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UPSD3212A Datasheet HTML 48Page - STMicroelectronics UPSD3212A Datasheet HTML 49Page - STMicroelectronics UPSD3212A Datasheet HTML 50Page - STMicroelectronics UPSD3212A Datasheet HTML 51Page - STMicroelectronics UPSD3212A Datasheet HTML 52Page - STMicroelectronics UPSD3212A Datasheet HTML 53Page - STMicroelectronics UPSD3212A Datasheet HTML 54Page - STMicroelectronics UPSD3212A Datasheet HTML 55Page - STMicroelectronics UPSD3212A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 163 page
background image
uPSD3212A, uPSD3212C, uPSD3212CV
52/163
Table 41. Timer/Counter 2 Operating Modes
Note:
↓ = falling edge
Table 42. Description of the T2CON Bits
Note: 1. The RCLK1 and TCLK1 Bits in the PCON Register control UART 2, and have the same function as RCLK and TCLK.
Mode
T2CON
T2MOD
DECN
T2CON
EXEN
P1.1
T2EX
Remarks
Input Clock
RxCLK
or
TxCLK
CP/
RL2
TR2
Internal
External
(P1.0/T2)
16-bit
Auto-
reload
0
0
1
0
0
x
reload upon overflow
fOSC/12
MAX
fOSC/24
00
1
0
1
reload trigger (falling edge)
0
0
1
1
x
0
Down counting
0
0
1
1
x
1
Up counting
16-bit
Capture
01
1
x
0
x
16-bit Timer/Counter
(only up counting)
fOSC/12
MAX
fOSC/24
01
1
x
1
Capture (TH1,TL2)
(RCAP2H,RCAP2L)
Baud Rate
Generator
1x
1
x
0
x
No Overflow Interrupt
Request (TF2)
fOSC/12
MAX
fOSC/24
1x
1
x
1
Extra External Interrupt
(Timer 2)
Off
x
x
0
x
x
x
Timer 2 stops
Bit
Symbol
Function
7TF2
Timer 2 Overflow Flag. Set by a Timer 2 overflow, and must be cleared by software. TF2
will not be set when either (RCLK, RCLK1)=1 or (TCLK, TCLK)=1
6EXF2
Timer 2 External Flag set when either a capture or reload is caused by a negative
transition on T2EX and EXEN2=1. When Timer 2 Interrupt is enabled, EXF2=1 will
cause the CPU to vector to the Timer 2 Interrupt routine. EXF2 must be cleared by
software
5
RCLK(1)
Receive Clock Flag (UART 1). When set, causes the serial port to use Timer 2 overflow
pulses for its receive clock in Modes 1 and 3. TCLK=0 causes Timer 1 overflow to be
used for the receive clock
4
TCLK(1)
Transmit Clock Flag (UART 1). When set, causes the serial port to use Timer 2 overflow
pulses for its transmit clock in Modes 1 and 3. TCLK=0 causes Timer 1 overflow to be
used for the transmit clock
3
EXEN2
Timer 2 External Enable Flag. When set, allows a capture or reload to occur as a result
of a negative transition on T2EX if Timer 2 is not being used to clock the serial port.
EXEN2=0 causes Time 2 to ignore events at T2EX
2
TR2
Start/stop control for Timer 2. A logic 1 starts the timer
1C/T2
Timer or Counter Select for Timer 2. Cleared for timer operation (input from internal
system clock, tCPU); set for external event counter operation (negative edge triggered)
0CP/RL2
Capture/Reload Flag. When set, capture will occur on negative transition of T2EX if
EXEN2=1. When cleared, auto-reload will occur either with TImer 2 overflows, or
negative transitions of T2EX when EXEN2=1. When either (RCLK, RCLK1)=1 or (TCLK,
TCLK)=1, this bit is ignored, and timer is forced to auto-reload on Timer 2 overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com