Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3212A Datasheet(PDF) 71 Page - STMicroelectronics

Part # UPSD3212A
Description  Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3212A Datasheet(HTML) 71 Page - STMicroelectronics

Back Button UPSD3212A Datasheet HTML 67Page - STMicroelectronics UPSD3212A Datasheet HTML 68Page - STMicroelectronics UPSD3212A Datasheet HTML 69Page - STMicroelectronics UPSD3212A Datasheet HTML 70Page - STMicroelectronics UPSD3212A Datasheet HTML 71Page - STMicroelectronics UPSD3212A Datasheet HTML 72Page - STMicroelectronics UPSD3212A Datasheet HTML 73Page - STMicroelectronics UPSD3212A Datasheet HTML 74Page - STMicroelectronics UPSD3212A Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 163 page
background image
71/163
uPSD3212A, uPSD3212C, uPSD3212CV
PWM 4 Channel Operation
The 16-bit Prescaler1 divides the input clock
(fOSC/2) to the desired frequency, the resulting
clock runs the 8-bit Counter of the PWM 4 chan-
nel. The input clock frequency to the PWM 4
Counter is:
f PWM4 = (fOSC/2)/(Prescaler1 data value +1)
When the Prescaler1 Register (B4h, B3h) is set to
data value '0,' the maximum input clock frequency
to the PWM 4 Counter is fOSC/2 and can be as high
as 20MHz.
The PWM 4 Counter is a free-running, 8-bit
counter. The output of the counter is compared to
the Compare Registers, which are loaded with
data from the Pulse Width Register (PWM4W,
ABh) and the Period Register (PWM4P, AAh). The
Pulse Width Register defines the pulse duration or
the Pulse Width, while the Period Register defines
the period of the PWM. When the PWM 4 channel
is enabled, the register values are loaded into the
Comparator Registers and are compared to the
Counter output. When the content of the counter is
equal to or greater than the value in the Pulse
Width Register, it sets the PWM 4 output to low
(with PWMP Bit = 0). When the Period Register
equals to the PWM4 Counter, the Counter is
cleared, and the PWM 4 channel output is set to
logic 'high' level (beginning of the next PWM
pulse).
The Period Register cannot have a value of “00”
and its content should always be greater than the
Pulse Width Register.
The Prescaler1 Register, Pulse Width Register,
and Period Register can be modified while the
PWM 4 channel is active. The values of these reg-
isters are automatically loaded into the Prescaler
Counter and Comparator Registers when the cur-
rent PWM 4 period ends.
The PWMCON Register (Bits 5 and 6) controls the
enable/disable and polarity of the PWM 4 channel.
Figure 38. PWM 4 With Programmable Pulse Width and Frequency
AI07090
PWM4
Defined by Pulse
Width Register
Switch Level
RESET
Counter
Defined by Period Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com