Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3212A Datasheet(PDF) 59 Page - STMicroelectronics

Part # UPSD3212A
Description  Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3212A Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UPSD3212A Datasheet HTML 55Page - STMicroelectronics UPSD3212A Datasheet HTML 56Page - STMicroelectronics UPSD3212A Datasheet HTML 57Page - STMicroelectronics UPSD3212A Datasheet HTML 58Page - STMicroelectronics UPSD3212A Datasheet HTML 59Page - STMicroelectronics UPSD3212A Datasheet HTML 60Page - STMicroelectronics UPSD3212A Datasheet HTML 61Page - STMicroelectronics UPSD3212A Datasheet HTML 62Page - STMicroelectronics UPSD3212A Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 163 page
background image
59/163
uPSD3212A, uPSD3212C, uPSD3212CV
Table 45. Timer 1-Generated Commonly Used Baud Rates
More About Mode 0. Serial data enters and exits
through RxD. TxD outputs the shift clock. 8 bits are
transmitted/received: 8 data bits (LSB first). The
baud rate is fixed at 1/12 the fOSC.
Figure 27., page 56 shows a simplified functional
diagram of the serial port in Mode 0, and associat-
ed timing.
Transmission is initiated by any instruction that
uses SBUF as a destination register. The “WRITE
to SBUF” signal at S6P2 also loads a '1' into the
9th position of the transmit shift register and tells
the TX Control block to commence a transmission.
The internal timing is such that one full machine
cycle will elapse between “WRITE to SBUF” and
activation of SEND.
SEND enables the output of the shift register to the
alternate out-put function line of RxD and also en-
able SHIFT CLOCK to the alternate output func-
tion line of TxD. SHIFT CLOCK is low during S3,
S4, and S5 of every machine cycle, and high dur-
ing S6, S1, and S2. At S6P2 of every machine cy-
cle in which SEND is active, the contents of the
transmit shift are shifted to the right one position.
As data bits shift out to the right, zeros come in
from the left. When the MSB of the data byte is at
the output position of the shift register, then the '1'
that was initially loaded into the 9th position, is just
to the left of the MSB, and all positions to the left
of that contain zeros. This condition flags the TX
Control block to do one last shift and then deacti-
vate SEND and set T1. Both of these actions occur
at S1P1. Both of these actions occur at S1P1 of
the 10th machine cycle after “WRITE to SBUF.”
Reception is initiated by the condition REN = 1 and
R1 = 0. At S6P2 of the next machine cycle, the RX
Control unit writes the bits 11111110 to the receive
shift register, and in the next clock phase activates
RECEIVE.
RECEIVE enables SHIFT CLOCK to the alternate
output function line of TxD. SHIFT CLOCK makes
transitions at S3P1 and S6P1 of every machine
cycle in which RECEIVE is active, the contents of
the receive shift register are shifted to the left one
position. The value that comes in from the right is
the value that was sampled at the RxD pin at S5P2
of the same machine cycle.
As data bits come in from the right, '1s' shift out to
the left. When the '0' that was initially loaded into
the right-most position arrives at the left-most po-
sition in the shift register, it flags the RX Control
block to do one last shift and load SBUF. At S1P1
of the 10th machine cycle after the WRITE to
SCON that cleared RI, RECEIVE is cleared as RI
is set.
Baud Rate
fOSC
SMOD
Timer 1
C/T
Mode
Reload Value
Mode 0 Max: 1MHz
12MHz
X
X
X
X
Mode 2 Max: 375K
12MHz
1
X
X
X
Modes 1, 3: 62.5K
12MHz
1
0
2
FFh
19.2K
11.059MHz
1
0
2
FDh
9.6K
11.059MHz
0
0
2
FDh
4.8K
11.059MHz
0
0
2
FAh
2.4K
11.059MHz
0
0
2
F4h
1.2K
11.059MHz
0
0
2
E8h
137.5
11.059MHz
0
0
2
1Dh
110
6MHz
0
0
2
72h
110
12MHz
0
0
1
FEEBh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com