Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40CTFG Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ40CTFG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ40CTFG Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ40CTFG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ40C/20C/10C/05C
63
GD25LQ40CWIG
4Mbit
WSON8 (6x5mm)
GD25LQ20CWIG
2Mbit
GD25LQ10CWIG
1Mbit
GD25LQ05CWIG
512Kbit
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LQ40CTJG
4Mbit
SOP8 150mil
GD25LQ20CTJG
2Mbit
GD25LQ10CTJG
1Mbit
GD25LQ05CTJG
512Kbit
GD25LQ40CSJG
4Mbit
SOP8 208mil
GD25LQ20CSJG
2Mbit
GD25LQ10CSJG
1Mbit
GD25LQ05CSJG
512Kbit
GD25LQ40CMJG
4Mbit
VSOP8 150mil
GD25LQ20CMJG
2Mbit
GD25LQ10CMJG
1Mbit
GD25LQ05CMJG
512Kbit
GD25LQ40CVJG
4Mbit
VSOP8 208mil
GD25LQ20CVJG
2Mbit
GD25LQ10CVJG
1Mbit
GD25LQ05CVJG
512Kbit
GD25LQ40COJG
4Mbit
TSSOP8 173mil
GD25LQ20COJG
2Mbit
GD25LQ10COJG
1Mbit
GD25LQ05COJG
512Kbit
GD25LQ40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ20CEJG
2Mbit
GD25LQ10CEJG
1Mbit
GD25LQ05CEJG
512Kbit
GD25LQ40CHJG
4Mbit
USON8 (3x3mm)
GD25LQ20CHJG
2Mbit
GD25LQ10CHJG
1Mbit
GD25LQ05CHJG
512Kbit
GD25LQ40CNJG
4Mbit
USON8 (3x4mm)
GD25LQ20CNJG
2Mbit
GD25LQ10CNJG
1Mbit
GD25LQ05CNJG
512Kbit
GD25LQ40CQJG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LQ20CQJG
2Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com