Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40CTFG Datasheet(PDF) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ40CTFG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ40CTFG Datasheet(HTML) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ40CTFG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ40C/20C/10C/05C
65
GD25LQ40CQEG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LQ20CQEG
2Mbit
GD25LQ10CQEG
1Mbit
GD25LQ05CQEG
512Kbit
GD25LQ40CWEG
4Mbit
WSON8 (6x5mm)
GD25LQ20CWEG
2Mbit
GD25LQ10CWEG
1Mbit
GD25LQ05CWEG
512Kbit
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LQ40CTFG
4Mbit
SOP8 150mil
GD25LQ20CTFG
2Mbit
GD25LQ10CTFG
1Mbit
GD25LQ05CTFG
512Kbit
GD25LQ40CSFG
4Mbit
SOP8 208mil
GD25LQ20CSFG
2Mbit
GD25LQ10CSFG
1Mbit
GD25LQ05CSFG
512Kbit
GD25LQ40CMFG
4Mbit
VSOP8 150mil
GD25LQ20CMFG
2Mbit
GD25LQ10CMFG
1Mbit
GD25LQ05CMFG
512Kbit
GD25LQ40CVFG
4Mbit
VSOP8 208mil
GD25LQ20CVFG
2Mbit
GD25LQ10CVFG
1Mbit
GD25LQ05CVFG
512Kbit
GD25LQ40COFG
4Mbit
TSSOP8 173mil
GD25LQ20COFG
2Mbit
GD25LQ10COFG
1Mbit
GD25LQ05COFG
512Kbit
GD25LQ40CEFG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ20CEFG
2Mbit
GD25LQ10CEFG
1Mbit
GD25LQ05CEFG
512Kbit
GD25LQ40CHFG
4Mbit
USON8 (3x3mm)
GD25LQ20CHFG
2Mbit
GD25LQ10CHFG
1Mbit
GD25LQ05CHFG
512Kbit
GD25LQ40CNFG
4Mbit
USON8 (3x4mm)
GD25LQ20CNFG
2Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com