Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40CTFG Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ40CTFG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ40CTFG Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ40CTFG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40CTFG Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ40C/20C/10C/05C
77
11 REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-11-13
1.1
Delete E7H command
Add J,E,F,3,2 and A to the 6th code of ordering information
Update the description of SOP8 and VSOP8 packages
---
P53
P56-59
2018-2-6
1.2
Modify tVSL min value from 5ms to 1.8ms
Modify Deep Power-Down Current max value from 5
μA to 8μA
Add tRS in AC CHARACTERISTIC, of which the min. value is 100us
Add
“E1” values to the dimension table of USON8 4x4 package
P48
P50
P52
P63
2018-5-17
1.3
Add 4BH command
Modify Ordering Information
Add TSSOP8 173mil Package
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
P1,19,40
P60-65
P70
P51/55-56
P52/57-58
2018-7-23
1.4
Modify Icc1 max value @-40
℃~85℃ from 25uA to 28uA
Modify Icc2 max value @-40
℃~125℃ from 18uA to 20uA
Modify tW max value @-40
℃~105℃ from 20ms to 25ms
Modify tPP max value @-40
℃~105℃ from 2.4ms to 3ms
Modify tSE max value @-40
℃~105℃ from 150/300ms to 400ms
Modify tBE1 max value @-40
℃~105℃ from 0.8s to 1.2s
Modify tBE2 max value @-40
℃~105℃ from 1s to 1.2s
Modify tCE1 max value @-40
℃~105℃ from 3/1.5/1/1s to 5/2.5/1.5/1.5s
Modify tBE1 max value @-40
℃~125℃ from 1.5s to 1.8s
Modify tBE2 max value @-40
℃~125℃ from 2s to 3.2s
Modify tCE1 max value @-40
℃~125℃ from 5/2.5/1/1s to 6/3/1.5/1.5s
Remove tSE max value of 50K cycling
P51
P53
P56
P56
P56
P57
P57
P57
P59
P59
P59
P55, 56, 58
2018-10-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com