Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178G Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
IP178G
Data Sheet
13 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
3
Pin description
Table 2 Pin description
Type
Description
Type
Description
I
Input pin
IPL
Input pin with internal pull low 100K ohm
O
Output pin
IPH
Input pin with internal pull high 200K ohm
P
Power or Ground
3.1
Analog pins
Pin No.
Label
Type
Description
LDO Regulator
55
VREG_LDO
P
LDO regulator output
It is an output power pin for 1.1V power source.
56
PVDD_LDO
P
LDO regulator input
It is an input power pin for reference voltage.
IP178G includes a LDO regulator to convert 3.3V to 1.1V.
3.2
MDI (Media Dependent Interface)
Pin No.
Label
Type
Description
Transceiver
57, 58,
65, 64,
67, 68,
7, 6,
12, 13
20, 19
23, 24
31 30
RXIP0, RXIM0,
RXIP1, RXIM1,
RXIP2, RXIM2,
RXIP3, RXIM3,
RXIP4, RXIM4
RXIP5, RXIM5
RXIP6, RXIM6
RXIP7, RXIM7
I
TP receive
59, 60,
63, 62,
1, 2,
5, 4,
14, 15
18, 17
25, 26
29, 28
TXOP0, TXOM0,
TXOP1, TXOM1,
TXOP2, TXOM2,
TXOP3, TXOM3,
TXOP4, TXOM4
TXOP5, TXOM5,
TXOP6, TXOM6,
TXOP7, TXOM7,
O
TP transmit
22
34
FXSD6
FXSD7
I
Fiber signal detection of port 6,7
Port 6,7 can be configured to be either a TP port or a Fiber
port with this pin. Connect this pin to GND for TP mode,
and do not left this pin floating. Please refer to the
paragraph “I/O Electrical Characteristics” for more detail
information.
8
BGRES
O
Band gap resistor.
It is connected GND through a precision resistor
(R=6.19K, 1%) for band gap reference. Please refer to
application circuit for more information.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com