Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178G Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 69Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 71Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 72Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 73Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 74Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
IP178G
Data Sheet
71 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
7.3.3
I/O Electrical Characteristics
Parameter
Sym
Min.
Max.
Unit
Conditions
Input Low Voltage
-LED PAD direct mode
-LED PAD bicolor mode
-NOT LED PAD
VIL
0.39*PVDD
0.36*PVDD
0.4*PVDD
V
Input High Voltage
-LED PAD direct mode
-LED PAD bicolor mode
-NOT LED PAD
VIH
0.58*PVDD
0.58*PVDD
0.6*PVDD
V
X1 Input Low Voltage
VILosc
0.6
V
X1 Input High Voltage
VIHosc
1.5
V
Output Low Voltage
VOL
0.1*PVDD
V
Output High Voltage
VOH
0.8*PVDD
V
RESETB Threshold
Voltage
VTHRST
0.4*PVDD
0.6*PVDD
V
7.4
AC Timing
7.4.1
Power On Sequence and Reset Timing
Description
Min.
Typ.
Max.
Unit
X1 valid period before reset released
10
-
-
ms
Reset period
10
-
-
ms
All power source ready before reset released
10
ms
Time difference between VCC3.3 and VCC1.0
(Tdiff)
-2
ms
3.3V Power
1.1V Power
OSCI (X1)
RESET
X1 vaild period
before reset
relaesed
RESET
period
2.1ms
OSC stable
RESET released
Tdiff
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com