Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L03IV Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT73L03IV
Description  3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03IV Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT73L03IV Datasheet HTML 25Page - Exar Corporation XRT73L03IV Datasheet HTML 26Page - Exar Corporation XRT73L03IV Datasheet HTML 27Page - Exar Corporation XRT73L03IV Datasheet HTML 28Page - Exar Corporation XRT73L03IV Datasheet HTML 29Page - Exar Corporation XRT73L03IV Datasheet HTML 30Page - Exar Corporation XRT73L03IV Datasheet HTML 31Page - Exar Corporation XRT73L03IV Datasheet HTML 32Page - Exar Corporation XRT73L03IV Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
áç
áç
áç
áç
3 CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03
PRELIMINARY
REV. P1.0.13
26
b. Operating in the HOST Mode.
To configure the Data Rate of a Channel, write the
appropriate values into the STS-1/DS3_Ch(n) and
E3_Ch(n) bit-fields in Command Register CR4-(n).
NOTE: Reference Table 2 for the correct address of each
channel.
Table 4 relates the values of these two bit-fields to the
selected data rates.
2.0
THE TRANSMIT SECTION
Figure 8 shows the Transmit Section in each Channel
of the XRT73L03 consists of the following blocks:
• Transmit Logic Block
• TxClk(n) Duty Cycle Adjust Block
• HDB3/(B3ZS) Encoder
• Pulse Shaping Block
The purpose of the Transmit Section in each Channel
of the XRT73L03 is to take TTL/CMOS level data
from the Terminal Equipment and encode it into a for-
mat that can:
1. be efficiently transmitted over coaxial cable at E3,
DS3 or STS-1 data rates,
2. be reliably received by the Remote Terminal
Equipment at the other end of the E3, DS3 or
STS-1 data link, and
3. comply with the applicable pulse template
requirements.
The circuitry that the Transmit Section in each Chan-
nel of the XRT73L03 takes to accomplish this goal is
discussed below.
2.1
THE TRANSMIT LOGIC BLOCK
The purpose of the Transmit Logic Block is to accept
either Dual-Rail or Single-Rail (binary data stream)
TTL/CMOS level data and timing information from the
Terminal Equipment.
2.1.1
Accepting Dual-Rail Data from the Termi-
nal Equipment
Whenever the XRT73L03 accepts Dual-Rail data
from the Terminal Equipment, it does so via the fol-
lowing input signals:
• TPData(n)
• TNData(n)
• TxClk(n)
Figure 9 illustrates the typical interface for the trans-
mission of data in a Dual-Rail Format between the
Terminal Equipment and the Transmit Section of the
XRT73L03.
TABLE 3: SELECTING THE DATA RATE FOR CHANNEL(N) OF THE XRT73L03, VIA THE E3_CH(N) AND STS-1/
DS3_CH(N) INPUT PINS (HARDWARE MODE)
DATA RATE
STATE OF E3_CH(N) PIN
(PIN 64, 92, 102)
STATE OF STS-1/DS3_CH(N)
PIN
(PIN 65, 95, 101)
MODE OF B3ZS/HDB3 ENCODER/
DECODER BLOCKS
E3 (34.368 Mbps)
1
X (Don't Care)
HDB3
DS3 (44.736 Mbps)
0
0
B3ZS
STS-1 (51.84 Mbps)
0
1
B3ZS
COMMAND REGISTER CR4-(N)
D4
D3
D2
D1
D0
X
STS-1/(DS3)_(n))
E3_Ch(n)
LLB(n) RLB(n)
x
x
xx
x
TABLE 4: SELECTING THE DATA RATE FOR CHANNEL(N)
OF THE
XRT73L03 VIA THE STS-1/DS3_CH(N) AND
THE
E3_CH(N) BIT-FIELDS IN THE APPROPRIATE
COMMAND REGISTER (HOST MODE)
SELECTED DATA
RATE
STS-1/DS3_(N)
(D3)
E3_CH(N)
(D2)
E3
X (Don't Care)
1
DS3
0
0
STS-1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com