Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2287PVC-1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2287PVC-1
Description  100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2287PVC-1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2287PVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
100-MHz Spread Spectrum Clock Synthesizer/Driver with
USB, Hublink, and SDRAM Support
CY2287
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
June 23, 1999
Features
Benefits
• Mixed 2.5V and 3.3V Operation
Usable with Pentium
 II, K6, and 6x86 Processors
• Multiple output clocks at different frequencies
— Three CPU clocks at 2.5V, up to 100 MHz
— Nine 3.3V SDRAM clocks at 100 MHz
— Eight synchronous PCI clocks at 33 MHz
— Two synchronous APIC clocks at 16.67 MHz or 33
MHz
— Two 3V66 clocks at 66 MHz
— Two USB clocks at 48 MHz
— One reference clock at 14.318 MHz
Single-chip main motherboard clock generator
— High-Speed Processor Support
— Supports Two 4-Clock SDRAM DIMMs
— Support for Six PCI Slots
— Synchronous to the CPU Clock
— Hublink Support
— Universal Serial Bus Support
— Also used as an input strap to determine APIC frequency
• Spread Spectrum clocking
— 31 kHz modulation frequency
— EPROM programmable percentage of spreading
— Default is –0.6%, which is recommended by Intel®
— Additional options of –0.25% and –0.4% available
Enables reduction of EMI
• Power-down features
Supports mobile systems
•I2C™ Interface
Dynamic output control
• Low skew and low jitter outputs
Meets tight system timing requirements at high frequency
• Test Mode
Enables ATE and “bed of nails” testing
• 56-pin SSOP package
Widely available, standard package enables lower cost
Intel and Pentium are registered trademarks of Intel Corporation.
I2C is a trademark of Philips Corporation.
SERIAL INTERFACE
CONTROL LOGIC
Logic Block Diagram
EPROM
XTALOUT
XTALIN
APIC [0–1] (16.67/33MHz)
14.318
MHz
OSC.
SDRAM [0-8] (100 MHz)
SEL1
CPU
PLL
REF0/SEL33 (14.318 MHz)
CPU [0–2] (66/100 MHz)
PCI [0–7] (33MHz)
SYS
PLL
USB [0–1] (48MHz)
EPROM
Configurable
Logic
PWR_DWN
3V66 [0–1] (66MHz)
SSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
REF0/SEL33
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
VDDREF
XTAL_IN
XTAL_OUT
25
26
27
28
49
52
51
50
53
56
55
54
VDDPCI
VSSPCI
AVSS
SCLK
SDRAM8
SDRAM4
VSSSDRAM
VDDAPIC
3V66_0
PCI3
PCI7
USB1
SDRAM6
SDRAM2
CPU1
VSSAPIC
VSSREF
VSS3V66
3V66_1
VDD3V66
PCI0
PCI1
PCI2
VSSPCI
PCI4
PCI5
PCI6
VDDPCI
AVDD
VSSUSB
USB0
VDDSDRAM
PWRDWN
VSSSDRAM
SDRAM7
VDDSDRAM
SDRAM5
VSSSDRAM
SDRAM3
VDDSDRAM
SDRAM1
SDRAM0
VSSCPU
CPU2
VDDCPU
CPU0
APIC1
APIC0
VDDUSB
SEL0
SDATA
SEL1
SCLK
SDATA
SEL0


Similar Part No. - CY2287PVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY2287PVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
December 14, 2002
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
SpectraLinear Inc
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com