Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511MG Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV511MG
Description  880 nA, Rail-to-Rail Input and Output Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV511MG Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LPV511MG Datasheet HTML 1Page - National Semiconductor (TI) LPV511MG Datasheet HTML 2Page - National Semiconductor (TI) LPV511MG Datasheet HTML 3Page - National Semiconductor (TI) LPV511MG Datasheet HTML 4Page - National Semiconductor (TI) LPV511MG Datasheet HTML 5Page - National Semiconductor (TI) LPV511MG Datasheet HTML 6Page - National Semiconductor (TI) LPV511MG Datasheet HTML 7Page - National Semiconductor (TI) LPV511MG Datasheet HTML 8Page - National Semiconductor (TI) LPV511MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body
2 KV
Machine Model
200V
V
IN Differential
2.1V
Supply Voltage (V
+ -V)
13.2V
Voltage at Input/Output pins
V
+ +0.3V, V
−0.3V
Storage Temperature Range
−65˚C to +150˚C
Short Circuit Duration
(Note 4)
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10
sec)
260˚C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40˚C to +85˚C
Supply Voltage (V
+ –V)
2.7V to 12V
Package Thermal Resistance (
θ
JA (Note 3))
5-Pin SC70
456˚C/W
3V Electrical Characteristics (Note 5)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 3V, V= 0V, V
CM =VO =V
+/2, and R
L = 100 k
Ω to
V
+/2 . Boldface limits apply to the temperature range of −40˚C to 85˚C.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
±0.2
±3
±3.8
mV
TC V
OS
Input Offset Average Drift
(Note 8)
±5
µV/C
I
B
Input Bias Current (Note 9)
V
CM = 0.5V
−1000
–1600
−320
pA
V
CM = 2.5V
110
800
1900
I
OS
Input Offset Current
±10
pA
CMRR
Common Mode Rejection Ratio
V
CM Stepped from 0V to 1.5V
77
70
100
dB
V
CM Stepped from 2.4V to 3V
75
68
115
V
CM Stepped from 0.5V to 2.5V
60
56
80
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5V, V
CM = 0.5V
72
68
114
dB
V
+ =3Vto5V, V
CM = 0.5V
76
72
115
V
+ = 5V to 12V, V
CM = 0.5V
84
80
117
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50 dB
−0.1
0
3.1
3.0
V
A
VOL
Large Signal Voltage Gain
Sinking, V
O = 2.5V
75
70
105
dB
Sourcing, V
O = 0.5V
V
O
Output Swing High
V
ID = 100 mV
2.85
2.8
2.90
V
Output Swing Low
V
ID = −100 mV
100
150
200
mV
I
SC
Output Short Circuit Current
(Note 10)
Sourcing
V
ID = 100 mV
−500
−225
µA
Sinking
V
ID = −100 mV
225
1350
I
S
Supply Current
0.88
1.2
1.5
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com