Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511MG Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV511MG
Description  880 nA, Rail-to-Rail Input and Output Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV511MG Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPV511MG Datasheet HTML 1Page - National Semiconductor (TI) LPV511MG Datasheet HTML 2Page - National Semiconductor (TI) LPV511MG Datasheet HTML 3Page - National Semiconductor (TI) LPV511MG Datasheet HTML 4Page - National Semiconductor (TI) LPV511MG Datasheet HTML 5Page - National Semiconductor (TI) LPV511MG Datasheet HTML 6Page - National Semiconductor (TI) LPV511MG Datasheet HTML 7Page - National Semiconductor (TI) LPV511MG Datasheet HTML 8Page - National Semiconductor (TI) LPV511MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LPV511
880 nA, Rail-to-Rail Input and Output Operational
Amplifier
General Description
The LPV511 is a micropower operational amplifier that op-
erates from a voltage supply range as wide as 2.7V to 12V
with guaranteed specifications at 3V, 5V and 12V. The
LPV511 exhibits an excellent speed to power ratio, drawing
only 880 nA of supply current with a bandwidth of 27 kHz.
These specifications make the LPV511 an ideal choice for
battery powered systems that require long life through low
supply current, such as instrumentation, sensor conditioning
and battery current monitoring.
The LPV511 has an input range that includes both supply
rails for ground and high side battery sensing applications.
The LPV511 output swings within 100 mV of either rail to
maximize the signal’s dynamic range in low supply applica-
tions. In addition, the output is capable of sourcing 650 µA of
current when powered by a 12V battery.
The LPV511 is available in the space saving SC70 package
which makes it ideal for portable electronics with area con-
strained PC boards.
Features
(Typical at 3V supply unless otherwise noted)
n
Supply voltage range
2.7V to 12V
n
Slew rate
7.7 V/ms
n
Supply current
880 nA
n
Output short circuit current
1.35 mA
n
Rail-to-rail input
n
Output voltage swing
100 mV from rails
n
Bandwidth (C
L =50pF, RL =1M
Ω)
27 kHz
Applications
n
Battery powered systems
n
Security systems
n
Micropower thermostats
n
Solar powered systems
n
Portable instrumentation
n
Micropower filter
n
Remote sensor amplifier
Typical Application
20117003
August 2005
© 2005 National Semiconductor Corporation
DS201170
www.national.com


Similar Part No. - LPV511MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV511MG/NOPB TI1-LPV511MG/NOPB Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV511MG/NOPB TI2-LPV511MG/NOPB Datasheet
1Mb / 26P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
REVISED AUGUST 2016
LPV511MG/NOPB.A TI2-LPV511MG/NOPB.A Datasheet
1Mb / 26P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
REVISED AUGUST 2016
LPV511MGX/NOPB TI1-LPV511MGX/NOPB Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV511MGX/NOPB TI2-LPV511MGX/NOPB Datasheet
1Mb / 26P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
REVISED AUGUST 2016
More results

Similar Description - LPV511MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Texas Instruments
TLV2402-Q1 TI1-TLV2402-Q1 Datasheet
767Kb / 22P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2402CDR TI-TLV2402CDR Datasheet
1Mb / 33P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401-Q1 TI-TLV2401-Q1_15 Datasheet
920Kb / 23P
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
TLV6003 TI1-TLV6003 Datasheet
1Mb / 26P
TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com