Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511MG Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV511MG
Description  880 nA, Rail-to-Rail Input and Output Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV511MG Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LPV511MG Datasheet HTML 1Page - National Semiconductor (TI) LPV511MG Datasheet HTML 2Page - National Semiconductor (TI) LPV511MG Datasheet HTML 3Page - National Semiconductor (TI) LPV511MG Datasheet HTML 4Page - National Semiconductor (TI) LPV511MG Datasheet HTML 5Page - National Semiconductor (TI) LPV511MG Datasheet HTML 6Page - National Semiconductor (TI) LPV511MG Datasheet HTML 7Page - National Semiconductor (TI) LPV511MG Datasheet HTML 8Page - National Semiconductor (TI) LPV511MG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3V Electrical Characteristics (Note 5) (Continued)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 3V, V− = 0V, V
CM =VO =V
+/2, and R
L = 100 k
Ω to
V
+/2 . Boldface limits apply to the temperature range of −40˚C to 85˚C.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
SR
Slew Rate (Note 11)
A
V = +1, VO ramps from 0.5V to 2.5V
5.25
3.10
7.7
V/ms
GBW
Gain Bandwidth Product
R
L =1M
Ω,C
L=50pF
27
kHz
Phase Margin
R
L =1M
Ω,C
L=50pF
53
deg
e
n
Input-Referred Voltage Noise
f = 100 Hz
320
nV/
i
n
Input-Referred Current Noise
f = 10 Hz
.02
pA/
f = 1 kHz
.01
5V Electrical Characteristics (Note 5)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, and R
L = 100 k
Ω to
V
+/2. Boldface limits apply to the temperature range of −40˚C to 85˚C.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
±0.2
±3
±3.8
mV
TC V
OS
Input Offset Average Drift
(Note 8)
±5
µV/C
I
B
Input Bias Current (Note 9)
V
CM = 0.5V
−1000
−1600
−320
pA
V
CM = 4.5V
110
800
1900
I
OS
Input Offset Current
±10
pA
CMRR
Common Mode Rejection Ratio
V
CM Stepped from 0V to 2.5V
80
73
115
dB
V
CM Stepped from 4.4 to 5V
75
68
107
V
CM Stepped from 0.5 to 4.5V
65
62
87
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5V, V
CM = 0.5V
72
68
114
dB
V
+ =3Vto5V, V
CM = 0.5V
76
72
115
V
+ = 5V to 12V, V
CM = 0.5V
84
80
117
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50 dB
−0.1
0
5.1
5
V
A
VOL
Large Signal Voltage Gain
Sinking, V
O = 4.5V
78
73
110
dB
Sourcing, V
O = 0.5V
V
O
Output Swing High
V
ID = 100 mV
4.8
4.75
4.89
V
Output Swing Low
V
ID = −100 mV
110
200
250
mV
I
SC
Output Short Circuit Current
(Note 10)
Sourcing to V
−
V
ID = 100 mV
−550
−225
µA
Sinking to V
+
V
ID = −100 mV
225
1350
I
S
Supply Current
0.97
1.2
1.5
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com