Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFIS Datasheet(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIS Datasheet(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
22
7.1. Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL)
bit must be set prior to every Page Program (PP), Quad Page Program (QPP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE), Write Status Register (WRSR). The Write Enable (WREN) command sequence: CS# goes low  sending the
Write Enable command  CS# goes high.
Figure 5. Write Enable Sequence Diagram
7.2. Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL) bit may
be set to a 0 by issuing the Write Disable (WRDI) command to disable Page Program (PP), Quad Page Program (QPP),
Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write Status Register (WRSR), that require WEL be set to 1 for
execution. The WRDI command can be used by the user to protect memory areas against inadvertent writes that can
possibly corrupt the contents of the memory. The WRDI command is ignored during an embedded operation while WIP bit
=1.
The WEL bit is reset by following condition: Write Disable command (WRDI), Power-up, and upon completion of the
Write Status Register, Page Program, Sector Erase, Block Erase and Chip Erase commands.
The Write Disable command sequence: CS# goes low Sending the Write Disable command CS# goes high.
Figure 6. Write Disable Sequence Diagram
Command
0
1
2
3
4
5
6
7
06H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
04H
CS#
SCLK
SI
SO
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com