Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFIS Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIS Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
77
tW
Write Status Register Cycle Time
5
20
ms
tBP1
Byte Program Time (First Byte)
30
50
μs
tBP2
Additional Byte Program Time (After First Byte)
2.5
12
μs
tPP
Page Programming Time
0.4
2.4
ms
tSE
Sector Erase Time
70
400
ms
tBE1
Block Erase Time (32K Bytes)
0.16
0.8
s
tBE2
Block Erase Time (64K Bytes)
0.22
1
s
tCE
Chip Erase Time (GD25Q256D)
70
200
s
Note:
1.
Typical value tested at T = 25℃.
2.
Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com