Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFIS Datasheet(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIS Datasheet(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
47
7.19. 64KB Block Erase (BE64 D8H or 4BE64 DCH)
The 64KB Block Erase (BE) command is erased the all data of the chosen block. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit. The 64KB Block Erase (BE) command is
entered by driving CS# low, followed by the command code, and three address Bytes on SI. Any address inside the block
is a valid address for the 64KB Block Erase (BE) command. CS# must be driven low for the entire duration of the sequence.
The 64KB Block Erase command sequence: CS# goes low  sending 64KB Block Erase command  3-Byte address
on SI  CS# goes high. CS# must be driven high after the eighth bit of the last address Byte has been latched in; otherwise
the 64KB Block Erase (BE) command is not executed. As soon as CS# is driven high, the self-timed Block Erase cycle
(whose duration is tBE) is initiated. While the Block Erase cycle is in progress, the Status Register may be read to check the
value of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Block Erase cycle, and is
0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A 64KB Block Erase (BE) command applied to a block which is protected by the Block Protect (TB, BP3, BP2, BP1, and
BP0) bits is not executed.
Figure 49. 64KB Block Erase Sequence Diagram (ADS=0)
Figure 50.64KB Block Erase Sequence Diagram (ADS=1)
Figure 51. 64KB Block Erase with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
Command
0
1
2
3
4
5
6
7
D8H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22
Command
0
1
2
3
4
5
6
7
D8H
CS#
SCLK
SI
8
9
37 38 39
MSB
2
1
0
32 Bits Address
31 30
Command
0
1
2
3
4
5
6
7
DCH
CS#
SCLK
SI
8
9
37 38 39
MSB
2
1
0
32 Bits Address
31 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com