Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIS Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
15
6.2. Extended Address Register
Table 12 Extended Address Register
No.
Name
Description
Note
EA0
A24
Address bit
Volatile writable
EA1
Reserved
Reserved
Reserved
EA2
Reserved
Reserved
Reserved
EA3
Reserved
Reserved
Reserved
EA4
Reserved
Reserved
Reserved
EA5
Reserved
Reserved
Reserved
EA6
Reserved
Reserved
Reserved
EA7
Reserved
Reserved
Reserved
The extended address register is only used when the address mode is 3-Byte mode, as to set the higher address.
A24=1 indicates the upper 128Mb memory address, A24=0 indicates the lower 128Mb. EA1~EA7 are reserved.
A24 bit
The Extended Address Bit A24 is used only when the device is operating in the 3-Byte Address Mode (ADS=0), which
is volatile writable by C5H command. The lower 128Mb memory array (00000000h
– 00FFFFFFh) is selected when A24=0,
and all instructions with 3-Byte addresses will be executed within that region. When A24=1, the upper 128Mb memory array
(01000000h
– 01FFFFFFh) will be selected.
If the device powers up with ADP bit set to 1, or an “Enter 4-Byte Address Mode (B7H)” instruction is issued, the
device will require 4-Byte address input for all address related instructions, and the Extended Address Bit A24 setting will
be ignored. However, any instruction with 4-Byte address input will replace the Extended Address Bit A24 with new settings.
Reserved bit
It is recommended to set the value of the reserved bit
as “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com