Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIS Datasheet(PDF) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
25
7.9.
Read Data Bytes at Higher Speed (Fast Read 0BH or 4Fast Read 0CH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-Byte
address (A23-A0) and a dummy Byte, and each bit being latched-in on the rising edge of SCLK. Then the memory content,
at that address, is shifted out on SO, and each bit being shifted out, at a Max frequency fC, on the falling edge of SCLK. The
first Byte addressed can be at any location. The address is automatically incremented to the next higher address after each
Byte of data is shifted out.
Figure 13 Read Data Bytes at Higher Speed Sequence Diagram (ADS=0)
Figure 14 Read Data Bytes at Higher Speed Sequence Diagram (ADS=1)
Command
0
1
2
3
4
5
6
7
0BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte
Command
0
1
2
3
4
5
6
7
0BH
CS#
SCLK
SI
SO
High-Z
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
MSB
42 43 44 45
41
6
5
4
3
2
1
0
46 47
Data Out1
40
50 51 52 53
49
54 55
48
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com