Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIS Datasheet(PDF) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIS Datasheet(HTML) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
50
7.25. Clear SR Flags (30H)
The Clear Status Register Flags command resets bit S18 (Program Error bit) and S19 (Erase Error bit) from status
register. It is not necessary to set the WEL bit before the Clear Status Register command is executed. The Clear SR
command will not be accepted when the device remains busy with WIP set to 1. The WEL bit will be unchanged after this
command is executed.
Figure 56 Clear Status Register Flags Sequence Diagram
7.26.
Release from Deep Power-Down and Read Device ID (RDI) (ABH)
The Release from Power-Down and Read Device ID command is a multi-purpose command. It can be used to release
the device from the Power-Down state or obtain the devices electronic identification (ID) number.
To release the device from the Power-Down state, the command is issued by driving the CS# pin low, shifting the
instruction code
“ABH” and driving CS# high as shown below. Release from Power-Down will take the time duration of
tRES1 (See AC Characteristics) before the device will resume normal operation and other c omma nd are accepted. The
CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by driving the
CS# pin low and shifting the instruction code
“ABH” followed by 3-dummy Byte. The Device ID bits are then shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown below. The Device ID value is listed in Manufacturer
and Device Identification table. The Device ID can be read continuously. The command is completed by driving CS# high.
When used to release the device from the Power-Down state and obtain the Device ID, the command is the same
as previously described, except that after CS# is driven high it must remain high for a time duration of tRES2 (See AC
Characteristics). After this time duration the device will resume normal operation and other command will be accepted. If
the Release from Power-Down / Device ID command is issued while an Erase, Program or Write cycle is in process (when
WIP equal 1) the command is ignored and will not have any effects on the current cycle.
Figure 57 Release Power-Down Sequence Diagram
Command
0
1
2
3
4
5
6
7
30H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
ABH
CS#
SCLK
SI
RES1
Stand-by mode
Deep Power-down mode
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com