Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIR Datasheet(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIR Datasheet(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIR Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
22
Register bit values.
Figure 5. Write Enable for Volatile Status Register Sequence Diagram
7.4. Read Status Register (RDSR) (05H or 35H or 15H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at
any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in progress,
it is recommended to check the Write in Progress (WIP) bit before sending a new command to the device. It is also possible
to read the Status Register continuously.
For command code “05H” / “35H” / “15H”, the SO will output Status Register bits
S7~S0 / S15-S8 / S23-S16.
Figure 6 Read Status Register Sequence Diagram
7.5.
Write Status Register (WRSR) (01H or 31H or 11H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN)
command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S19, S18, S15, S10, S8, S1 and S0 of the Status
Register. CS# must be driven high after the eighth of the data Byte has been latched in. If not, the Write Status Register
(WRSR) command is not executed. As soon as CS# is driven high, the self-timed Write Status Register cycle (whose
duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may still be read to check
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register
cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (TB, BP3,
BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only.
The Write Status Register-1 (01h) command can also write the Status Register-1&2. To complete the Write Status
Command
0
1
2
3
4
5
6
7
05H or 35H or 15H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
Register0/1/2
MSB
Register0/1/2
CS#
SCLK
Command(50H)
SI
SO
0
1
2
3
4
5
6
7
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com