Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIR Datasheet(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIR Datasheet(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIR Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
23
Register-1&2 command, the CS# pin must be driven high after the sixteenth bit of data is clocked in. If CS# is driven high
after the eighth clock, the Write Status Register-1 (01h) instruction will only program the Status Register-1, and the Status
Register-2 will not be affected.
Figure 7 Write Status Register Sequence Diagram
7.6.
Read Extended Register (C8H)
Extended Register contains Address Bit A24. The Read Extended Register instruction is entered by driving CS# low
and shifting the instruction code “C8H” into the SI pin on the rising edge of SCLK. The Extended Register bits are then
shifted out on the SO pin at the falling edge of SCLK with most significant bit (MSB) first as shown in Figure 8.
When the device is in the 4-Byte Address Mode, the value of A24 Bit is ignored.
Figure 8 Read Extended Register Sequence Diagram
7.7.
Write Extended Register (C5H)
The Write Extended Register command could be executed no matter the Write Enable Latch (WEL) bit is 0 or 1.The
Write Extended Register
instruction is entered by driving CS# low, sending the instruction code “C5H”, and then writing the
Extended Register data Byte as illustrated in Figure 9.
Upon power up or the execution of a Software/Hardware Reset, the Extended Register bit values will be cleared to 0.
Figure 9 Write Extended Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
01H/31H/11H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in
Command
0
1
2
3
4
5
6
7
C8H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
Extended Addr.
Register Out
MSB
Extended Addr.
Register Out
Command
0
1
2
3
4
5
6
7
C5H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Extended Addr.
Register In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com