Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIR Datasheet(PDF) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIR Datasheet(HTML) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIR Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
65
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Multiplier from typical erase time
to maximum erase time
54H
3:0
0010b
42H
Erase Type 1 Erase, Typical time
Erase time=70ms/80ms
7:4
0100b
55H
10:8
010b
62H
Erase Type 2 Erase, Typical time
Erase time=200ms/208ms
15:11
01100b
56H
17:16
01b
C9H
Erase Type 3 Erase, Typical time
Erase time=300ms/304ms
23:18
110010b
57H
24
0b
FEH
Erase Type 4 Erase, Typical time
Not exist
31:25
1111111b
Multiplier from typical time to max
time for Page or Byte program
58H
3:0
0010b
82H
Page Size
Page size=256Byte
7:4
1000b
Page Program Typical time
Page program=600us/640us
59H
13:8
101001b
E9H
Byte Program Typical time, first
Byte
First Byte program=30us/32us
15:14
11b
5AH
18:16
100b
14H
Byte Program Typical time,
additional Byte
Additional Byte program=2.5us/3us
23:19
00010b
Chip Erase, Typical time
Chip erase typical time=100s/100s
5BH
30:24
1011000b
58H
Reserved
31
0b
Prohibited Operations During
Program Suspend
5CH
3:0
1100b
ECH
Prohibited Operations During
Erase Suspend
7:4
1110b
Reserved
5DH
8
0b
60H
Program Resume to Suspend
Interval
Interval=64us
12:9
0000b
Suspend in-progress program
max latency
max latency=20us/20us
15:13
011b
5EH
19:16
0110b
06H
Erase Resume to Suspend
Interval
Interval=64us
23:20
0000b
Suspend in-progress erase max
latency
max latency=20us/20us
5FH
30:24
0110011b
33H
Suspend / Resume supported
31
0b
Program Resume Instruction
60H
7:0
7AH
7AH
Program Suspend Instruction
61H
15:0
75H
75H
Resume Instruction
62H
23:16
7AH
7AH
Suspend Instruction
63H
31:24
75H
75H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com