Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CSEG Datasheet(PDF) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CSEG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CSEG Datasheet(HTML) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CSEG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
31
7.23.
Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by two bytes
of device identification. The device identification indicates the memory type in the first byte, and the memory capacity of the
device in the second byte. The Read Identification (RDID) command while an Erase or Program cycle is in progress is not
decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) command should not be issued
while the device is in Deep Power-Down Mode.
The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is shifted in. This
is followed by the 24-bit device identification, stored in the memory, being shifted out on Serial Data Output, each bit being
shifted out during the falling edge of Serial Clock. The command sequence is shown in Figure 31. The Read Identification
(RDID) command is terminated by driving CS# to high at any time during data output. When CS# is driven high, the device
is put in the Standby Mode. Once in the Standby Mode, the device waits to be selected, so that it can receive, decode and
execute commands.
Figure 28. Read Identification ID Sequence Diagram
7.24.
High Performance Mode (HPM) (A3H)
The High Performance Mode (HPM) command must be executed prior to Dual or Quad I/O commands when
operating at high frequencies (see fC2 and fC3 in AC Electrical Characteristics). This command allows pre-charging of
internal charge pumps so the voltages required for accessing the flash memory array are readily available. The
command sequence: CS# goes lowSending A3H command Sending 3-dummy byteCS# goes high. See Figure32.
After the HPM command is executed, the device will maintain a slightly higher standby current (Icc8) than standard SPI
operation. The Release from Power-Down or HPM command (ABH) can be used to return to standard SPI standby
current (Icc1). In addition, Power-Down command (B9H) will also release the device from HPM mode back to standard
SPI standby state.
0
1
2
3
4
5
6
7
CS#
SCLK
SI
SO
8
9 10
MSB
18 19 20 21
17
6
5
4
3
2
1
0
22 23
16
26 27 28 29
25
30 31
24
7
Capacity
JDID7-JDID0
CS#
SCLK
SI
SO
MSB
Memory Type
JDID15-JDID8
6
5
4
3
2
1
0
7
11 12 13 14 15
9FH
6
5
4
3
2
1
0
7
Manufacturer ID
MSB
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com