Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CSEG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CSEG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CSEG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CSEG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSEG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
55
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q40CTIG
4Mbit
SOP8 150mil
GD25Q40CSIG
4Mbit
SOP8 208mil
GD25Q40COIG
4Mbit
TSSOP8 173mil
GD25Q40CPIG
4Mbit
DIP8 300mil
GD25Q40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q40CNIG
4Mbit
USON8 (3x4mm)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q40CTJG
4Mbit
SOP8 150mil
GD25Q40CSJG
4Mbit
SOP8 208mil
GD25Q40COJG
4Mbit
TSSOP8 173mil
GD25Q40CPJG
4Mbit
DIP8 300mil
GD25Q40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q40CNJG
4Mbit
USON8 (3x4mm)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q40CTEG
4Mbit
SOP8 150mil
GD25Q40CSEG
4Mbit
SOP8 208mil
GD25Q40COEG
4Mbit
TSSOP8 173mil
GD25Q40CPEG
4Mbit
DIP8 300mil
GD25Q40CEEG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q40CNEG
4Mbit
USON8 (3x4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com