Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD8911 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD8911
Description  Dual Channe l Synchro nous Buck D C/DC Conver ter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8911 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD8911 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SD8911
The SD8911 is guaranteed to meet per
3
A
Ab
bsso
ollu
utte
e M
Ma
axxiim
mu
um
m R
Ra
attiin
ng
gss (Note 1)
Power Dissipation………………………………………………………………………Internally limited
VIN ……………………………………………………………………………………….……..-0.3V ~ +6V
VEN ……………………………………………..………………………..….......……-0.3V ~ (VIN+0.3)V
VSW ………………………………………………………………………………..……-0.3V ~ (VIN+0.3)V
VOUT……………………………………………………………………………….……….....-0.3V ~ +6V
ISW ………………………………………………………………………………….……………………..1.5A
Operating Temperature Range (Note 2)…………………………………….………...-40℃ ~ + 85℃
Storage Temperature Range ……………………………………………..………….-65℃ ~ +150℃
Junction Temperature ………………………………………………………..…………-40℃ ~ +125℃
Lead Temperature (Soldering 10 sec.) …………………………………………………………..+265℃
Note 1:
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2:
formance specifications from 0°C to 85°C. Specifications over the –40°C
to 85°C operating temperature range are assured by design, characterization and correlation with statistical process
controls.
E
Elle
eccttrriicca
all C
Ch
ha
arra
acctte
erriissttiiccss ((VVO
OU
UT
T1
1 o
orr V
VO
OU
UT
T2
2))
Operating Conditions: TA=25 , V
IN=3.6V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT1,2
Output Voltage
0.6
5.5
V
VIN
Operating Voltage Range
2.5
5.5
V
IQ
Quiescent Current
VFB = 0.5V or VOUT = 90%,
ILOAD = 0A
200
μA
ISHDN
Shutdown Current
VEN = 0V, VIN = 4.2V
0.1
1
μA
VFB
Regulated Voltage
TA = 25℃
0.588
0.6
0.612
V
ΔVFB
VREF
VIN=2.5V ~ 5.5V
0.03
0.4
%/V
IFB
Feedback Current
±30
nA
fOSC
Oscillator Frequency
VFB = 0.6V or VOUT = 100%
1
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.3
RNFET
RDS(ON) of N-Channel FET ISW = -100mA
0.39
ΔVLINE
VOUT Line Regulation
VIN=2.5V ~ 5.5V
0.03
0.3
%/V
ΔVLOAD
VOUT Load Regulation
0.33
%
EFFI
Efficiency
When connected to ext.
components,
VIN = VEN = 2.7V,
VOUT = 2.5V, IOUT = 100mA
94
%
www.sdw-tw.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com