Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD8911 Datasheet(PDF) 7 Page - SHOUDING Shouding Semiconductor

Part # SD8911
Description  Dual Channe l Synchro nous Buck D C/DC Conver ter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8911 Datasheet(HTML) 7 Page - SHOUDING Shouding Semiconductor

Back Button SD8911 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 10Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 11Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SD8911
Switching node & output wave
(VIN=5V, VOUT=1.8V, IOUT=800mA)
www.sdw-tw.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com