Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD8911 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD8911
Description  Dual Channe l Synchro nous Buck D C/DC Conver ter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8911 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD8911 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.sdw-tw.com
SD8911-
The SD8911 converters are available in the
The SD8911 is a high efficiency synchronous,
SD8911
1
F
Fe
ea
attu
urre
ess
Up to 94% Efficiency
Current Mode Operation for Excellent Line
and Load Transient Response
Output Voltage: 0.6V ~ 5.5V
Low Quiescent Current (one Channel):
200μA
Up to 800mA Load Current
Soft-start
Automatic PWM/PFM Mode Switching
No Schottky Diode Required
1MHz Constant Frequency Operation
Short-Circuit Protection
Shutdown Quiescent Current: < 1μA
DFN3*3-10L Package
A
Ap
pp
plliicca
attiio
on
nss
Digital cameras and MP3
Palmtop computers / PDAs
Cellular phones
Wireless handsets and DSL modems
Portable media players
PC cards
D
De
essccrriip
pttiio
on
n
dual channel PWM step-down DC/DC converter
working under an input voltage range of 2.5V to
5.5V. It integrates two PWM synchronous
step-down DC-DC converters. 100% duty cycle
capability extends battery life in portable devices,
while the quiescent current (one channel) is
200μA with no load, and drops to <1μA in
shutdown.
Each DC-DC converter has independent enable
input
and
short-circuit
protection
allowing
versatile power sequence combination.
industry standard DFN3*3-10L packages (or
upon request).
O
Orrd
de
err IIn
nffo
orrm
ma
attiio
on
n
① ②
:
Symbol
Description
Denotes Output Voltage:
A : Adjustable Output
Denotes Package Types:
J: DFN3*3-10L
D
Du
ua
all C
Ch
ha
an
nn
ne
ell S
Syyn
ncch
hrro
on
no
ou
uss B
Bu
ucckk D
DC
C//D
DC
C C
Co
on
nvve
errtte
err


Similar Part No. - SD8911

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
SD8910S6CTR SHOUDING-SD8910S6CTR Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
More results

Similar Description - SD8911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1390A AMSCO-AS1390A Datasheet
1Mb / 21P
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
ZP Semiconductor
CJP02N80 ZPSEMI-CJP02N80 Datasheet
422Kb / 2P
N -Channe l Power MOSFET
logo
SHIKUES Electronics
2N7002KM SKTECHNOLGY-2N7002KM Datasheet
603Kb / 4P
N-channe l MOSFET
logo
Guangdong Youtai Semico...
BSS308PE UMW-BSS308PE Datasheet
434Kb / 8P
P-channe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com