Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4017BMS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # CD4017BMS
Description  CMOS Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4017BMS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button CD4017BMS Datasheet HTML 2Page - Renesas Technology Corp CD4017BMS Datasheet HTML 3Page - Renesas Technology Corp CD4017BMS Datasheet HTML 4Page - Renesas Technology Corp CD4017BMS Datasheet HTML 5Page - Renesas Technology Corp CD4017BMS Datasheet HTML 6Page - Renesas Technology Corp CD4017BMS Datasheet HTML 7Page - Renesas Technology Corp CD4017BMS Datasheet HTML 8Page - Renesas Technology Corp CD4017BMS Datasheet HTML 9Page - Renesas Technology Corp CD4017BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CD4017BMS, CD4022BMS
FN3297 Rev 0.00
Page 10 of 10
August 1998
Chip Dimensions and Pad Layouts
CD4017BMSH
CD4022BMSH
METALLIZATION:
Thickness: 11k
Å 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com