Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT81460 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT81460 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT81460 Datasheet HTML 9Page - Active-Semi, Inc ACT81460 Datasheet HTML 10Page - Active-Semi, Inc ACT81460 Datasheet HTML 11Page - Active-Semi, Inc ACT81460 Datasheet HTML 12Page - Active-Semi, Inc ACT81460 Datasheet HTML 13Page - Active-Semi, Inc ACT81460 Datasheet HTML 14Page - Active-Semi, Inc ACT81460 Datasheet HTML 15Page - Active-Semi, Inc ACT81460 Datasheet HTML 16Page - Active-Semi, Inc ACT81460 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
ACT81460
Rev 1.0, 18-Dec-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
13
BUCK-BOOST ELECTRICAL CHARACTERISTICS
(VSYS = 3.6V, Fsw = 2MHz, TA = 25°C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINBB, Operating Voltage Range
2.7
5.5
V
VBBST, Output Voltage Range
Configurable in 50mV steps
3.2
5.0
V
IBBST, Maximum Output Current
VBBST >= 4.2V
250
mA
VBBST < 4.2V, (Note 1)
400
mA
No Load Input Current
VBBST = 5V, No Load
0.9
1.2
µA
Shutdown Current
Regulator Disabled
0.1
µA
Output Voltage Accuracy
IOUT = 100mA (PWM), BB Mode
-3
VNOM
3
%
IOUT = 1mA, BB Mode
-5
VNOM
5
%
Line Regulation
VBBST = 5V, VINBB = 3.0V to 5.0V, 100mA, PWM
Regulation. (Note 2)
0.03
%/V
Load Regulation
VBBST = 5V, PWM Regulation, (Note 1)
0.4
%/A
Power Good Threshold
VBBST Rising
88
92
96
%VNO
M
Power Good Hysteresis
VBBST Falling
3
%VNO
M
Overvoltage Fault Threshold
VBBST Rising
105
110
115
%VNO
M
Overvoltage Fault Hysteresis
VBBST Falling
3
%VNO
M
Switching Frequency, PWM Mode
VINBB = 3.6V, VBBST = 5.0V. (Note 1,Note 3)
Freq = 00
Freq = 01
Freq = 10
Freq = 11
3.3
2.5
2.0
1.5
MHz
Soft-Start Period TSS
10% to 90% VBBST ramp time (Note 1)
800
1200
µs
Tstart, Time from EN to PG
Time from enable to PGOOD / POK.
1500
µs
Current Limit, Cycle-by-Cycle
VBBST > 4.2V
0.85
A
VBBST <= 4.2V, (Note 2)
1.2
A
Current Limit, Warning
2 consecutive switching cycles at 125% of cycle-by-
cycle current limit.
125
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com