Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT81460 Datasheet(PDF) 48 Page - Active-Semi, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT81460 Datasheet(HTML) 48 Page - Active-Semi, Inc

Back Button ACT81460 Datasheet HTML 44Page - Active-Semi, Inc ACT81460 Datasheet HTML 45Page - Active-Semi, Inc ACT81460 Datasheet HTML 46Page - Active-Semi, Inc ACT81460 Datasheet HTML 47Page - Active-Semi, Inc ACT81460 Datasheet HTML 48Page - Active-Semi, Inc ACT81460 Datasheet HTML 49Page - Active-Semi, Inc ACT81460 Datasheet HTML 50Page - Active-Semi, Inc ACT81460 Datasheet HTML 51Page - Active-Semi, Inc ACT81460 Datasheet HTML 52Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
ACT81460
Rev 1.0, 18-Dec-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
48
ACTIVE PATH LINEAR CHARGER
(APLC)
General Description
The ACT81460 low power PMIC incorporates Active-
Semi’s proprietary ActivePath linear battery charging
architecture. It is a full featured charger that performs a
variety of advanced battery management functions, in-
cluding fault protection and management, thermal reg-
ulation, and temperature monitoring. It includes an
800mA, linear, single cell Li-Ion battery charger and a
Smart Switch. It interfaces to the host microprocessor
via I2C to provide very flexible functionality with its built
in programmability.
The charger is capable of status and fault monitoring
and is designed to work with many different host pro-
cessors via interrupt generation and status and fault re-
porting. Host processor interrupts are generated for any
change in battery charging state:
1) JEITA temp threshold crossed
2) Battery voltage low
3) Battery removed/inserted
4) Charge source plugged/unplugged
5) Charge condition / state change – Precondition, fast
charge, top off and end of charge reached.
ActivePath Architecture
The ActivePath architecture provides a system level
charging architecture that dynamically optimizes battery
charging while ensuring that power delivery to the sys-
tem is not interrupted.
At the input of the ActivePath charger is a high voltage
LDO that can withstand input voltages as high as 20V.
There are variety of protection features such as input
over voltage (OV), input under voltage (UV), input cur-
rent limit. The ActivePath circuity provides a very simple
means of implementing a solution that maximizes avail-
able power from the input source without overloading
the source. An example would be a 0.5A current limited
USB input source. The ActivePath circuit ensures that
the full 0.5A current is used.
ActivePath circuitry automatically detects the state of
the input supply, the battery and the system and then
reconfigures itself to optimize the system power. A
higher priority is always given to system power to en-
sure uninterrupted power to the system. It does this by
independently managing the input current and the
charge current. This allows the battery to charge as
quickly as possible while ensuring that the total
ACT81460 input current does not exceed the input
source capability. This is ideal for weak, or current lim-
ited input sources.
The ActivePath architecture operates in two separate
modes, dynamic charge current control (DCCC) and dy-
namic voltage charge current control (DVCCC).
The DCCC mode can be used for a “weak” input source
when the maximum available current is known. In
DCCC mode, the ACT81460 regulates the total input
current into VIN. This allows the user to set the total in-
put current below the power source’s maximum current
rating. This ensures that the input power source’s cur-
rent rating is not exceeded and that its voltage does not
collapse.
The DCCC loop regulates the input current to the pro-
grammed current limit setting. The system consumes its
required current, and the remaining current is used to
charge the battery. The charging current is dynamically
adjusted as the system current changes.
If the system current exceeds the maximum pro-
grammed input current due to current spikes, the
charger stops charging and goes into supplement mode.
In supplement mode, the battery supplies current to the
system. This maintains the maximum allowable input
current while still allowing the system to run properly.
This maximum input current is programmable to 0.5A,
1A, 1.5A, or 2A via I2C register bits IN_ILIM[1:0]
DVCCC mode can be used to maximize the total avail-
able power from the input source, even when the cur-
rent capability is not known. It also prevents “weak” in-
put sources from collapsing.
The DVCCC loop regulates the input voltage on VIN. If
the system current plus charging current is greater than
the input source’s current capability, the input voltage
collapses. The DVCCC loop becomes active and limits
the VIN current. It also prioritizes the system current
over the charging current. The DVCCC loop starts limit-
ing the charge current when VIN drops to the pro-
grammed threshold. It linearly decreases the charge
current until VIN drops to 0.7V below the threshold. If
the system current continues to increase, the charger
goes into supplement mode and the battery provides
current to the system.
The VDCCC threshold is programmable to “Disable”,
4.25V, 4.5V, or 4.75V via I2C register bits VDCCC[1:0].
When set to “Disable”, the control loop does not limit the
input voltage drop.
Smart Switch
The Smart Switch serves three functions: VSYS
softstart, VSYS linear regulator, and VIN overvoltage
blocking. VSYS is the system voltage, which is limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com