Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT81460 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT81460 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT81460 Datasheet HTML 5Page - Active-Semi, Inc ACT81460 Datasheet HTML 6Page - Active-Semi, Inc ACT81460 Datasheet HTML 7Page - Active-Semi, Inc ACT81460 Datasheet HTML 8Page - Active-Semi, Inc ACT81460 Datasheet HTML 9Page - Active-Semi, Inc ACT81460 Datasheet HTML 10Page - Active-Semi, Inc ACT81460 Datasheet HTML 11Page - Active-Semi, Inc ACT81460 Datasheet HTML 12Page - Active-Semi, Inc ACT81460 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ACT81460
Rev 1.0, 18-Dec-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
9
SYSTEM CHARACTERISTICS
(VIN = 5V, VSYS = 3.6V, TA = 25°C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input Voltage
Charger Input
4.0
20
V
VIN Input UV Threshold, rising
Charger Input UV
3.8
4.0
V
VIN Input UV Threshold, hysteresis
0.1
0.2
0.3
V
VIN Input UV detection deglitch time
75
100
125
µs
VIN Input OV Threshold, rising
Charger Input OV
5.8
V
VIN Input OV Threshold, hysteresis
0.2
0.3
0.4
V
VIN Input OV detection deglitch time
150
200
250
µs
VIN OCP threshold level
Over current threshold (Configurable: 0.5/1/1.5/2A)
0.5
1
2.0
A
VSYS Voltage Ramp time
Soft Start time, VSYS, CSYS < 100 µF.
400
500
700
µs
System Voltage Range
2.7
5.7
V
VINL1,2 referenced to AGND
1.5
VSYS
V
VINL3 referenced to AGND
1.2
VSYS
V
VINLS4,5,6 referenced to AGND
0.8
VSYS
V
VSYS POR Level, Rising
IC Powers up at this voltage
1.4
V
VSYS POR Level, Rising
IC Powers down at this voltage
1.2
V
VSYS UVLO Threshold Falling
2.34
2.5
2.66
V
VSYS UVLO Hysteresis
Voltage above the UVLO Falling Threshold, above
which all regulators turn on (device powers up)
75
100
150
mV
VSYS UV Warning Interrupt Thresh-
old Falling
Configurable in 100mV steps from 1.85V to 3.35V
Must be set above the VSYS UVLO Falling
Threshold plus the Hysteresis
-0.2
Nominal
+0.2
V
VSYS UV Warning Interrupt Hyste-
resis
Voltage Rising
0.1
0.2
0.3
V
VSYS OV Threshold Rising
Overvoltage Set Point
5.5
5.7
5.9
V
VSYS OV Hysteresis
Voltage Falling
100
200
300
mV
VSYS UV Deglitch Time
80
100
120
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com