Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV236 Datasheet(PDF) 34 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 34 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 30Page - California Eastern Labs THCV236 Datasheet HTML 31Page - California Eastern Labs THCV236 Datasheet HTML 32Page - California Eastern Labs THCV236 Datasheet HTML 33Page - California Eastern Labs THCV236 Datasheet HTML 34Page - California Eastern Labs THCV236 Datasheet HTML 35Page - California Eastern Labs THCV236 Datasheet HTML 36Page - California Eastern Labs THCV236 Datasheet HTML 37Page - California Eastern Labs THCV236 Datasheet HTML 38Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
34/68
Security E
Table 32. Remote side 2-wire serial slave register Read Procedure for 16bit register address
Step
Description
R/W
Address
1
Set slave address of remote side 2-wire serial slave device (Low-order 7bits),
and enable this address (High-order 1bit).
W
0x04-0x0B
2
Write 1 or 0 and clear(auto clear) access status register (2WIRE_ACS_END_INT).
W
0x02 bit7
3
Set slave address of access target 2-wire serial slave (choose the value set in
0x04-0x0B[6:0]), and set 1 to 0x20 bit7.
W
0x20
4
Set the byte number read from remote side 2-wire serial slave(Max 16byte).
W
0x22
5
Set the low-order bits([7:0]) of start address of remote side 2-wire serial slave register to
read.
W
0x29
6
Set the high-order bits([15:8]) of start address of remote side 2-wire serial slave register
to read.
W
0x2A
7
Write 1 to RD_START_16B. (Start read access to remote side 2-wire serial slave register)
W
0x2C (*1)
8
(*2)
2-wire serial slave of Sub-Link Master perform clock stretching until Sub-Link Slave
register access is completed. When read access is completed, SCL is released and read
data is stored in Sub-Link Master register (Address 0x10-0x1F).
-
-
8
(*3)
When read access is completed, read data is stored in Sub-Link Master register (Address
0x10-0x1F) and 2WIRE_ACS_END_INT register value become 1 and interrupt occurs
(INT=H → L).
-
-
9
If read access was normally ended, read value should be “0x1”.
R
0x02
10
HOST MPU read data stored in Sub-Link Master register.
R
0x10-0x1F
11
Repeat from step2 to step10 if needed.
-
-
*1 It’s Prohibit that HOST MPU start access to Sub-Link Slave or remote 2-wire serial slave before the previous access to
Sub-Link Slave or remote side 2-wire serial slave is completed.
*2 When 2WIRE_MODE = 00 (Clock Stretching Mode)
*3 When 2WIRE_MODE = 01 (No Clock Stretching Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com