Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV236 Datasheet(PDF) 7 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button THCV236 Datasheet HTML 3Page - California Eastern Labs THCV236 Datasheet HTML 4Page - California Eastern Labs THCV236 Datasheet HTML 5Page - California Eastern Labs THCV236 Datasheet HTML 6Page - California Eastern Labs THCV236 Datasheet HTML 7Page - California Eastern Labs THCV236 Datasheet HTML 8Page - California Eastern Labs THCV236 Datasheet HTML 9Page - California Eastern Labs THCV236 Datasheet HTML 10Page - California Eastern Labs THCV236 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
7/68
Security E
BET/GPIO1
55
BO
BET : Field BET entry when PDN1=0 or Sub-Link is active
and Low Speed Data Bridge Mode(PDN1=1, SUBMODE=1).
0 : Normal Operation
1 : Field BET Operation
GPIO1 : General Purpose Input/Output when SUBMODE=0.
GPIO1 has Open-Drain Output buffer, it must be connected
with a pull-up resistor to VDD.
SSEN/GPIO0
54
BO
SSEN : Spread Spectrum Clock Generator(SSCG) Enable
when PDN1=0 or Sub-Link is active and Low Speed Data
Bridge Mode(PDN1=1, SUBMODE=1).
0 : SSCG Disable
1 : SSCG Enable
GPIO0 : General Purpose Input/Output when SUBMODE=0.
GPIO0 has Open-Drain Output buffer, it must be connected
with a pull-up resistor to VDD.
CLKIN
26
I
Clock Input
D31-D0
53,52,47-42,
39-33,31-27,
24-17,15-12
I
Pixel Data Input
DE
51
I
DE Input
HSYNC
50
I
HSYNC Input
VSYNC
48
I
VSYNC Input
RF/BETOUT
6
B
RF : Input Clock Triggering edge select. See Figure 19.
0 : Falling Edge
1 : Rising Edge
BETOUT : Field BET Result Output when Field BET mode
LFSEL
3
I
Low Frequency mode select
0 : Low Frequency mode Disable
1 : Low Frequency mode Enable
PDN1
2
IL
Sub-Link Power Down
0 : Power Down. Main-Link setting by external pin
1 : Normal Operation. Main-Link Setting by 2-wire serial I/F
PDN0
1
IL
Main-Link Power Down
0 : Power Down
1 : Normal Operation
TEST2
5
I
Test pin. Must be tied to Ground for normal operation.
TEST1
4
IL
Test pin. Must be tied to Ground for normal operation.
CAPOUT
56
PWR
Decoupling Capacitor Pin, 1.2V output.
CAPINA
61
PWR
Reference Input for Analog Circuit. Must be tied to CAPOUT.
CAPINP
62
PWR
Reference Input for Analog Circuit. Must be tied to CAPOUT.
VDD
49,41,32,25,16
PWR
1.7-3.6V Digital Power Supply Pin for LVCMOS I/O
AVDD
40
PWR
1.7-3.6V Analog Power Supply Pin for LDO
EXPGND
65
GND
Exposed Pad Ground. Must be tied to the PCB ground plane
through an array of vias.
CO : CML Output buffer , CB : CML Bi-directional buffer
I : LVCMOS Input buffer , IL : Low Speed LVCMOS Input buffer
B : LVCMOS Bi-directional buffer , BO : Open-Drain LVCMOS Bi-directional buffer
PWR : Power supply , GND : Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com