Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV236 Datasheet(PDF) 4 Page - California Eastern Labs

Part # THCV236
Description  SerDes transmitter and receiver with bi-directional transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THCV236 Datasheet(HTML) 4 Page - California Eastern Labs

  THCV236 Datasheet HTML 1Page - California Eastern Labs THCV236 Datasheet HTML 2Page - California Eastern Labs THCV236 Datasheet HTML 3Page - California Eastern Labs THCV236 Datasheet HTML 4Page - California Eastern Labs THCV236 Datasheet HTML 5Page - California Eastern Labs THCV236 Datasheet HTML 6Page - California Eastern Labs THCV236 Datasheet HTML 7Page - California Eastern Labs THCV236 Datasheet HTML 8Page - California Eastern Labs THCV236 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
THCV235_THCV236_Rev.3.40_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
4/68
Security E
Pin Configuration
THCV236 (QFN 64pin)
D27
17
18
D26
D25/GPIO4
19
20
D24/GPIO3
D23
21
22
D22
D21
23
24
D20
VDD
25
26
CLKOUT
D19
27
28
D18
D17
29
30
D16
D15
31
32
VDD
52
51
50
49
D1
DE
HSYNC
VDD
56
55
54
53
CAPOUT
LOCKN/MSSEL
HTPDN/SUBMODE
D0
60
59
58
57
MAINMODE/RCMN
CAPINA
RXP
RXN
64
63
62
61
BET
OE
HFSEL/RCMP
(TOP VIEW)
65 EXPGND
RXDEFSEL
THCV235 (QFN 64pin)
D4
17
18
D5
D6
19
20
D7
D8
21
22
D9
D10
23
24
D11
VDD
25
26
CLKIN
D12
27
28
D13
D14
29
30
D15
D16
31
32
VDD
52
51
50
49
D30
DE
HSYNC
VDD
56
55
54
53
CAPOUT
BET/GPIO1
SSEN/GPIO0
D31
60
59
58
57
TXN
TXP
HFSEL/TCMN
MAINMODE/TCMP
64
63
62
61
HTPDN/SUBMODE
LOCKN/MSSEL
CAPINP
CAPINA
(TOP VIEW)
65 EXPGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com