Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5753 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5753 Datasheet HTML 35Page - Analog Devices AD5753 Datasheet HTML 36Page - Analog Devices AD5753 Datasheet HTML 37Page - Analog Devices AD5753 Datasheet HTML 38Page - Analog Devices AD5753 Datasheet HTML 39Page - Analog Devices AD5753 Datasheet HTML 40Page - Analog Devices AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices AD5753 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 39 of 72
The two-stage readback consists of a write to a dedicated
register, TWO_STAGE_READBACK_SELECT, to select the
register location to be read back. This write is followed by a no
operation (NOP) command during which the contents of the
selected register are available on the SDO pin.
Table 13. SDO Contents for Read Operation
MSB
LSB
[D31:D30] D29
[D28:24]
[D23:D8] [D7:D0]
0b10
FAULT pin status Register address
Data
CRC
Bits[D31:D30] = 0b10 are used for synchronization purposes
during readback.
If autostatus readback mode is selected, the contents of the status
register are available on the SDO line during every SPI transaction.
This feature allows the user to continuously monitor the status
register and to act quickly if a fault occurs. The AD5753 powers up
with this feature disabled. When this feature is enabled, the
normal two-stage readback feature is not available. Only the
status register is available on SDO. To read back other registers,
first disable the automatic readback feature before following the
two-stage readback sequence. The automatic status readback
can be reenabled after the register is read back.
The shared AD5753 SYNC autostatus readback is a special
version of the autostatus readback mode used to avoid SDO bus
contention when multiple devices share the same SYNC line.
Echo mode behaves similarly to autostatus readback mode,
except that every second readback consists of an echo (a
repetition) of the previous command written to the AD5753
(see Figure 82). See the Reading from Registers section for
further details on the readback modes.
PREVIOUS
COMMAND
STATUS
REGISTER
CONTENTS
PREVIOUS
COMMAND
Figure 82. SDO Contents, Echo Mode
WDT
The WDT feature ensures that communication is not lost between
the system controller and the AD5753, and that the SPI
datapath lines function as expected.
When enabled, the WDT alerts the system if the AD5753 has not
received a specific SPI frame in the user programmable timeout
period. When the specific SPI frame is received, the watchdog
resets the timer controlling the timeout alert. The SPI frame
used to reset the WDT is configurable as one of the two
following choices:
A specific key code write to the key register (default).
A valid SPI write to any register.
When a watchdog timeout event occurs, there are two user
configurable actions the AD5753 takes. The first is to load the
DAC output with a user defined clear code stored in the
CLEAR_CODE register. The second is to perform a software
reset. These two actions can be enabled via Bit 10 and Bit 9,
respectively, in the WDT_CONFIG register. On a watchdog
timeout event, regardless if Bit 10 or Bit 9 is enabled, a dedicated
WDT_STATUS bit in the status register, as well as a WDT_ERR bit
in the DIGITAL_DIAG_RESULTS register, alerts the user that the
WDT is timed out. After a WDT timeout occurs, all writes to the
DAC_INPUT register, as well as the hardware or software LDAC
events, are ignored until the active WDT fault flag within the
DIGITAL_DIAG_RESULTS register clears.
After the active WDT fault flag clears, the WDT restarts by
performing a subsequent WDT reset command.
On power-up, the WDT is disabled by default. The default
timeout setting is 1 sec. The default method to reset the WDT is
to write one specific key. On timeout, the default action is to set
the relevant WDT_ERR flag bits and the FAULT pin. See Table 42
for the specific register bit details to support the configurability of
the WDT operation.
USER DIGITAL OFFSET AND GAIN CONTROL
The AD5753 has a USER_GAIN register and a USER_OFFSET
register that trim the gain and offset errors from the entire signal
chain. The 16-bit USER_GAIN register allows the user to adjust the
gain of the DAC channel in steps of 1 LSB. The USER_GAIN
register coding is straight binary, as shown in Table 14. The default
code in the USER_GAIN register is 0xFFFF, which results in a no
gain factor applied to the programmed output. In theory, the gain
can be tuned across the full range of the output. In practice, the
maximum recommended gain trim is approximately 50% of the
programmed range to maintain accuracy.
Table 14. Gain Register Adjustment
Gain Adjustment Factor
D15
[D14:D1]
D0
1
1
1
1
65,535/65,536
1
1
0
…
…
…
…
2/65,536
0
0
1
1/65,536
0
0
0
The 16-bit USER_OFFSET register allows the user to adjust the
offset of the DAC channel from −32,768 LSBs to +32,768 LSBs
in steps of 1 LSB. The USER_OFFSET register coding is straight
binary, as shown in Table 15. The default code in the USER_
OFFSET register is 0x8000, which results in zero offset
programmed to the output.
Table 15. Offset Register Adjustment
Gain Adjustment
D15
[D13:D2]
D0
+32,768 LSBs
1
1
1
+32,767 LSBs
1
1
0
…
…
…
…
No Adjustment (Default)
1
0
0
…
…
…
…
−32,767 LSBs
0
0
1
−32,768 LSBs
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com