Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5753 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5753 Datasheet HTML 25Page - Analog Devices AD5753 Datasheet HTML 26Page - Analog Devices AD5753 Datasheet HTML 27Page - Analog Devices AD5753 Datasheet HTML 28Page - Analog Devices AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices AD5753 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 29 of 72
TERMINOLOGY
Total Unadjusted Error (TUE)
TUE is a measure of the output error that takes into account
various errors, such as INL error, offset error, gain error, and
output drift over supplies, temperature, and time. TUE is
expressed in % FSR.
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy, also known as INL, is a measure
of the maximum deviation, either in LSBs or % FSR, from the
best fit line passing through the DAC transfer function.
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and the
ideal 1 LSB change between any two adjacent codes. A specified
differential nonlinearity of ±1 LSB maximum ensures mono-
tonicity.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital input code. The AD5753 is
monotonic over the full operating temperature range.
Zero-Scale or Negative Full-Scale Error
Zero-scale or negative full-scale error is the error in the DAC
output voltage when 0x0000 (straight binary coding) is loaded
to the DAC output register.
Zero-Scale Temperature Coefficient (TC)
Zero-scale TC is a measure of the change in zero-scale error
with a change in temperature. Zero-scale error TC is expressed
in ppm FSR/°C.
Bipolar Zero Error
Bipolar zero error is the deviation of the analog output from the
ideal half-scale output of 0 V when the DAC output register is
loaded with 0x8000 (straight binary coding).
Bipolar Zero Temperature Coefficient (TC)
Bipolar zero TC is a measure of the change in the bipolar zero
error with a change in temperature. It is expressed in ppm FSR/°C.
Offset Error
Offset error is the deviation of the analog output from the ideal and
is measured using ¼ scale and ¾ scale digital code measurements.
It is expressed in % FSR.
Offset Error (TC)
Offset error TC is a measure of the change in the offset error
with a change in temperature. It is expressed in ppm FSR/°C.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
DAC transfer characteristic slope deviation from the ideal value
expressed in % FSR.
Gain Error Temperature Coefficient (TC)
Gain error TC is a measure of the change in gain error with
changes in temperature. Gain error TC is expressed in
ppm FSR/°C.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code is loaded to the DAC output register. Ideally, the output is
full-scale − 1 LSB. Full-scale error is expressed in % FSR.
Headroom
Headroom is the difference between the voltage required at the
output, which is the programmed voltage in voltage output
mode and the programmed current × RLOAD in current output
mode, and the voltage supplied by the positive supply rail, VDPC+.
Headroom is relevant when the output is positive with respect
to ground.
Footroom
Footroom is the difference between the voltage required at the
output, which is the programmed voltage in voltage output
mode and the programmed current × RLOAD in current output
mode, and the voltage supplied by the negative supply rail, AVSS.
Footroom is relevant when the output is negative with respect
to ground.
VOUT or −VSENSE Common-Mode Rejection Ratio (CMRR)
VOUT or −VSENSE CMRR is the error in the VOUT voltage that
occurs due to changes in the –VSENSE voltage.
Current Loop Compliance Voltage
Current loop compliance voltage is the maximum voltage at the
VIOUT pin for which the output current is equal to the
programmed value.
Voltage Reference Thermal Hysteresis
Voltage reference thermal hysteresis is the difference in output
voltage measured at +25°C compared to the output voltage
measured at +25°C after cycling the temperature from +25°C to
−40°C to +115°C and then back to +25°C.
Voltage Reference TC
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated by using the box method. This method defines the
TC as the maximum change in the reference output over a given
temperature range expressed in ppm/°C and is as follows:
__
6
_
10
REF
MAX
REF
MIN
REF
NOM
V
V
TC
V
Temp Range

−
=
×

×

where:
VREF_MAX is the maximum reference output measured over the
total temperature range.
VREF_MIN is the minimum reference output measured over the
total temperature range.
VREF_NOM is the nominal reference output voltage, 2.5 V.
Temp Range is the specified temperature range, −40°C to
+115°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com