Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5753 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5753 Datasheet HTML 12Page - Analog Devices AD5753 Datasheet HTML 13Page - Analog Devices AD5753 Datasheet HTML 14Page - Analog Devices AD5753 Datasheet HTML 15Page - Analog Devices AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices AD5753 Datasheet HTML 19Page - Analog Devices AD5753 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 16 of 72
Pin No.
Mnemonic
Description
21
CLKOUT
Optional Clock Output Signal (Disabled by Default). This pin is a divided down version of the internal 10 MHz
internal oscillator, which generates the master clock (MCLK), and is configured in the GP_CONFIG1 register.
22
SCLK
Serial Clock Input. Data is clocked to the input shift register on the falling edge of the SCLK. In write mode, this pin
operates at clock speeds of up to 50 MHz and this speed is dependent on the VLOGIC voltage. In read mode, the maximum
SCLK speed is 15 MHz and this speed is dependent on the VLOGIC voltage. See Table 3 for the timing specifications.
23
SDI
Serial Data Input. Data must be valid on the falling edge of SCLK.
24
SYNC
Frame Synchronization Signal for the Serial Interface. Active low input. While SYNC is low, data is transferred in on
the falling edge of SCLK.
25
AD1
Address Decode 1 for the AD5753 Device.
26
AD0
Address Decode 0 for the AD5753 Device.
27
FAULT
Fault Pin. Active low, open-drain output. This pin is high impedance when no faults are detected and is asserted
low when certain faults are detected. Some of these faults include an open circuit in current mode, a short circuit
in voltage mode, a CRC error, or an overtemperature error (see the Output Fault section). This pin must be connected to
VLOGIC with a 10 kΩ pull-up resistor.
28
NIC
Not Internally Connected.
29
AVSS
Negative Analog Supply. The voltage range on this pin is 0 V to −33 V. If using the device solely for unipolar current
output purposes, the AVSS can be set to 0 V. For a unipolar voltage output, AVSS (maximum) is −2 V. When using
bipolar output ranges, the VOUT or IOUT headroom must be obeyed when calculating the AVSS maximum. For
example, for a ±10 V output, the AVSS maximum is −12.5 V. See the AVSS Considerations section for an important
note on power supply sequencing.
30
SW−
Switching Output for the Negative DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect the pin
and external inductor as shown in Figure 78.
31
PGND2
Power to Ground.
32
VDPC−
Negative Supply for Current and Voltage Output Stage. To use the dc-to-dc feature of the device, connect the
external capacitor as shown in Figure 78.
33
NIC
Not Internally Connected.
34
−VSENSE
Sense Connection for Negative Voltage Output Load Connection for VOUT Mode. This pin must stay within ±10 V of
AGND for specified operation. For specified operation, VDPC− tracks −VSENSE with respect to AGND. It is
recommended to connect a series 1 kΩ resistor to this pin.
35
CCOMP
Optional Compensation Capacitor Connection for the Voltage Output Buffer. Connecting a 220 pF capacitor
between this pin and the VIOUT pin allows the voltage output to drive up to 2 µF. The addition of this capacitor
reduces the bandwidth of the output amplifier, increasing the settling time.
36
+VSENSE
Sense Connection for Positive Voltage Output Load Connection for Voltage Output Mode. It is recommended to
connect a series 1 kΩ resistor to this pin.
37
VIOUT
Voltage or Current Output Pin. VIOUT is a shared pin that provides either a buffered output voltage or current.
38
ADC2
Multiplexed ADC External Input 2.
39
VDPC+
Positive Supply for Current and Voltage Output Stage. To use the dc-to-dc feature of the device, connect the
external capacitor as shown in Figure 77.
40
PGND1
Power to Ground.
EPAD
Exposed Pad. Connect the exposed pad to the potential of the VDPC− pin, or, alternatively, the exposed pad can be left
electrically unconnected. It is recommended that the pad be thermally connected to a copper plane for enhanced
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com