Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9175 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9175 Datasheet HTML 68Page - Analog Devices AD9175 Datasheet HTML 69Page - Analog Devices AD9175 Datasheet HTML 70Page - Analog Devices AD9175 Datasheet HTML 71Page - Analog Devices AD9175 Datasheet HTML 72Page - Analog Devices AD9175 Datasheet HTML 73Page - Analog Devices AD9175 Datasheet HTML 74Page - Analog Devices AD9175 Datasheet HTML 75Page - Analog Devices AD9175 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 72 of 150
R/W
Register
Bits
Value
Description
W
0x094
[7:2]
0x00
Keep default value for these bits.
1
PLL_VCO_DIV3_EN
Enable PLL output clock to be divided by 3. If this bit is set to 1, DAC clock = PLL VCO
frequency/3.
0
PLL_VCO_DIV2_EN
Enable PLL output clock to be divided by 2. Either this bit or Bit 1 in this register can be set
to 1, but both bits cannot be set at the same time (there is no divide by 6 option).
0b0: DAC clock = PLL VCO frequency.
0b1: DAC clock = PLL VCO frequency/2.
W
0x792
[7:0]
0x02
Reset VCO.
W
0x792
[7:0]
0x00
Pause
Wait 100 ms for PLL to lock.
R
0x7B5
0
0b1
Ensure PLL is locked by reading back a value of 1 for bit 0 of this register.
Table 52. Delay Lock Loop (DLL) Configuration
R/W
Register
Bits
Value
Description
W
0x0C0
[7:0]
0x00
Power-up delay line.
W
0x0DB
[7:0]
0x00
W
0x0DB
[7:0]
0x01
Update DLL settings to circuitry.
W
0x0DB
[7:0]
0x00
W
0x0C1
[7:0]
0x68 or 0x48
Set DLL search mode. If fDAC is < 4.5 GHz, set this register to 0x48. Otherwise, set this register to 0x68.
W
0x0C1
[7:0]
0x69 or 0x49
Set DLL search mode. If fDAC is < 4.5 GHz, set this register to 0x49. Otherwise, set this register to 0x69.
W
0x0C7
[7:0]
0x01
Enable DLL read status.
R
0x0C3
0
0b1
Ensure DLL is locked by reading back a value of 1 for Bit 0 of this register.
Table 53. Calibration
R/W
Register
Bits
Value
Description
W
0x050
[7:0]
0x2A
Optimized calibration setting register write.
W
0x061
[7:0]
0x68
Required calibration control register write.
W
0x051
[7:0]
0x82
Optimized calibration setting register write.
W
0x051
[7:0]
0x83
Required calibration control register write.
W
0x081
[7:0]
0x03
Required calibration control register write.
Table 54. JESD204B Mode Setup
R/W
Register
Bits
Value
Description
W
0x100
[7:0]
0x00
Power up digital datapath clocks when internal clocks are stable.
W
0x110
[5:0]
JESD_MODE
Bit 5 of the JESD_MODE bit field determines whether the device is operating in single link
or dual link modes. 0 = single-link mode; 1 = dual-link mode. Bits[4:0] determine the
SERDES JESD204B mode of operation chosen from the appropriate single-link or dual-link
modes in Table 15 or Table 16.
W
0x111
[7:4]
DP_INTERP_MODE
Main datapath interpolation mode. The valid interpolation options for this control is based on
the JESD_MODE selected in Register 0x110. Bit 7 of Register 0x110 equals 1 if the JESD_MODE,
DP_INTERP_MODE, and CH_INTERP_MODE settings are not a valid combination.
[3:0]
CH_INTERP_MODE
Channel datapath interpolation mode. The valid interpolation options for this control is based
on the JESD_MODE selected in Register 0x110. Bit 7 of Register 0x110 equals 1 if the
JESD_MODE, DP_INTERP_MODE, and CH_INTERP_MODE settings are not a valid combination.
W
0x084
6
SYSREF_INPUTMODE
SYSREF± signal input mode selection.
0b0 = ac-coupled.
0b1 = dc-coupled.
0
SYSREF_PD
If using Subclass 0, this bit can be set to 1 to power down the SYSREF± receiver. If using
Subclass 1, keep at the default of 0.
W
0x312
[7:4]
Set SYNCOUTx± error duration, depending on the selected mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com