Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9175 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9175 Datasheet HTML 93Page - Analog Devices AD9175 Datasheet HTML 94Page - Analog Devices AD9175 Datasheet HTML 95Page - Analog Devices AD9175 Datasheet HTML 96Page - Analog Devices AD9175 Datasheet HTML 97Page - Analog Devices AD9175 Datasheet HTML 98Page - Analog Devices AD9175 Datasheet HTML 99Page - Analog Devices AD9175 Datasheet HTML 100Page - Analog Devices AD9175 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 97 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x095
PLL_BYPASS
[7:1]
RESERVED
Reserved.
0x0
R
0
PLL_BYPASS
Enable direct clocking (bypassing the PLL
clock).
0x0
R/W
0
Use the internal PLL to generate the DAC
clock.
1
Bypass the PLL and directly clock with the
DAC clock frequency.
0x09A
NVM_CTRL
7
PD_BGR
Bias power-down. Set this bit to 1 to power
down the internal bias.
0x0
R/W
[6:0]
RESERVED
Reserved.
0x0
R/W
0x0C0
DELAY_LINE_PD
[7:6]
RESERVED
Reserved.
0x0
R
5
DLL_CTRL0B
DLL control. Set this bit to 0 to power up
the delay line during the device
configuration sequence.
0x1
R/W
4
DLL_CTRL0A
DLL control. Set this bit to 0 to power up
the delay line during the device
configuration sequence.
0x1
R/W
[3:1]
RESERVED
Reserved.
0x0
R
0
DLL_PD
Power down delay line. Set this bit to 0 to
power up the delay line during the device
configuration sequence.
0x1
R/W
0
Power up and enable the delay line.
1
Power down and bypass the delay line.
0x0C1
DLL_CTRL0
[7:6]
DLL_CTRL1C
DAC control setting. Set this control to 1 for
optimal performance.
0x1
R/W
5
DLL_CTRL1B
DLL control search mode. If the DAC
frequency is <4.5 GHz, set this bit to 0;
otherwise, set this bit to 1.
0x1
R/W
[4:3]
DLL_CTRL1A
DLL control search direction. Set this
control to 1 for optimal performance.
0x2
R/W
[2:1]
RESERVED
Reserved.
0x0
R
0
DLL_ENABLE
DLL controller enable.
0x0
R/W
0
Disable DLL.
1
Enable DLL.
0x0C3
DLL_STATUS
[7:1]
RESERVED
Reserved.
0x0
R
0
DLL_LOCK
DLL lock indicator. This control reads back 1
if the DLL locks.
0x0
R
0x0C7
DLL_READ
[7:1]
RESERVED
Reserved.
0x0
R
0
DLL_READ_EN
Enable DLL readback status. A transition of
0 to 1 updates the lock status bit readback
in Register 0x0C3.
0x0
R/W
0x0CC
DLL_FINE_DELAY0
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
DLL_FINE_DELAY0
DLL delay control.
0x0
R/W
0x0CD
DLL_FINE_DELAY1
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
DLL_FINE_DELAY1
DLL delay control.
0x0
R/W
0x0DB
DLL_UPDATE
[7:1]
RESERVED
Reserved.
0x0
R
0
DLL_DELAY_
UPDATE
DLL update control. A transition from 0 to 1
updates the DLL circuitry with the current
register control settings.
0x0
R/W
0x0FF
MOD_SWITCH_
DEBUG
[7:2]
RESERVED
Reserved.
0x0
R
1
CMPLX_MOD_
DIV2_DISABLE
Disables the divide by 2 block in the mod-
ulator switch path. Set to 1 to bypass the
divide by 2 block. This control is paged by
the MAINDAC_PAGE bits in Register 0x008.
0x0
R/W
0
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com