Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9175 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9175 Datasheet HTML 4Page - Analog Devices AD9175 Datasheet HTML 5Page - Analog Devices AD9175 Datasheet HTML 6Page - Analog Devices AD9175 Datasheet HTML 7Page - Analog Devices AD9175 Datasheet HTML 8Page - Analog Devices AD9175 Datasheet HTML 9Page - Analog Devices AD9175 Datasheet HTML 10Page - Analog Devices AD9175 Datasheet HTML 11Page - Analog Devices AD9175 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 8 of 150
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total Power
Dissipation
1.2
2.05
W
DUAL-LINK, MODE 3 (NCO
ONLY, SINGLE-CHANNEL
MODE, NO SERDES)
6 GSPS DAC rate, 300 MHz PLL reference clock, 8× total interpolation (1×, 8×),
no input tone (dc internal level = 0x50FF), channel NCO = 40 MHz, main
NCO = 1.8425 GHz
Mode 3
AVDD1.0
All supply levels set to nominal values
410
660
mA
All supplies at 5% tolerance
435
750
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
500
780
mA
All supplies at 5% tolerance
515
950
mA
DVDD1.8
0.3
1
mA
SVDD1.0
All supply levels set to nominal values
5
100
mA
All supplies at 5% tolerance
3
120
mA
Total Power
Dissipation
1.11
1.671
W
DUAL-LINK, MODE 4 (NCO
ONLY, DUAL-CHANNEL
MODE, NO SERDES)
12 GSPS DAC rate, 500 MHz PLL reference clock, 32× total interpolation
(4×, 8×), no input tone (dc internal level = 0x2AFF), channel NCOs =
±150 MHz, main NCO = 2 GHz
Mode 4
AVDD1.0
All supply levels set to nominal values
750
1030
mA
All supplies at 5% tolerance
790
1130
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
1200
1590
mA
All supplies at 5% tolerance
1300
1750
mA
DVDD1.8
0.3
1
mA
SVDD1.0
5
100
mA
Total Power
Dissipation
2.15
2.851
W
SERIAL PORT AND CMOS PIN SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC output full-scale current (IOUTFS) =
20 mA, unless otherwise noted. For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which
corresponds to TJ = 51°C.
Table 5.
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
WRITE OPERATION
See Figure 53
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
80
MHz
SCLK Clock High
tPWH
SCLK = 20 MHz
5.03
ns
SCLK Clock Low
tPWL
SCLK = 20 MHz
1.6
ns
SDIO to SCLK Setup Time
tDS
1.154
ns
SCLK to SDIO Hold Time
tDH
0.577
ns
CS to SCLK Setup Time
tS
1.036
ns
SCLK to CS Hold Time
tH
−5.3
ps
READ OPERATION
See Figure 52
SCLK Clock Rate
fSCLK, 1/tSCLK
48.58
MHz
SCLK Clock High
tPWH
5.03
ns
SCLK Clock Low
tPWL
1.6
ns
SDIO to SCLK Setup Time
tDS
1.158
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com