Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186EM Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 49Page - Advanced Micro Devices AM186EM Datasheet HTML 50Page - Advanced Micro Devices AM186EM Datasheet HTML 51Page - Advanced Micro Devices AM186EM Datasheet HTML 52Page - Advanced Micro Devices AM186EM Datasheet HTML 53Page - Advanced Micro Devices AM186EM Datasheet HTML 54Page - Advanced Micro Devices AM186EM Datasheet HTML 55Page - Advanced Micro Devices AM186EM Datasheet HTML 56Page - Advanced Micro Devices AM186EM Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
53
P R E L IMINAR Y
Power Supply Current
For the typical system specification shown in Figure 13,
ICC has been measured at 3.0 mA per MHz of system
clock. For the typical system specification shown in Fig-
ure 14, ICC has been measured at 4.5 mA per MHz of sys-
tem clock. The typical system is measured while the
system is executing code in a typical application with max-
imum voltage and at room temperature. Actual power sup-
ply current is dependent on system design and may be
greater or less than the typical ICC figure presented here.
Typical current in Figure 13 is given by:
................. ICC = 3.0 mA ⋅ freq(MHz).
Typical current in Figure 14 is given by:
................. ICC = 4.5 mA ⋅ freq(MHz).
Please note that dynamic ICC measurements are de-
pendent upon chip activity, operating frequency, output
buffer logic, and capacitive/resistive loading of the out-
puts. For these ICC measurements, the devices were
set to the following modes:
n No DC loads on the output buffers
n Output capacitive load set to 35 pF
n AD bus set to data only
n PIOs are disabled
n Timer, serial port, refresh, and DMA are enabled
Table 7 shows the variables that are used to calculate
the typical power consumption value for each version
of the Am186EMLV and Am188EMLV microcontrol-
lers.
Table 7.
Typical Power Consumption Calculation
for the Am186EMLV and Am188EMLV
Figure 13.
Typical ICC Versus Frequency for the
Am186EMLV and Am188EMLV
Figure 14.
Typical ICC Versus Frequency for the Am186EM and Am188EM
MHz
⋅ I
CC
⋅ Volts / 1000 = P
Typical Power
in Watts
MHz
Typical ICC
Volts
16
3.0
3.6
0.173
20
3.0
3.6
0.216
25
3.0
3.6
0.270
Clock Frequency (MHz)
ICC (mA)
25 MHz
20 MHz
0
20
40
60
80
100
120
140
10
20
30
16 MHz
Clock Frequency (MHz)
ICC (mA)
0
40
80
120
160
200
240
280
10
20
30
40
20 MHz
25 MHz
33 MHz
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com