Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186EM Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 90Page - Advanced Micro Devices AM186EM Datasheet HTML 91Page - Advanced Micro Devices AM186EM Datasheet HTML 92Page - Advanced Micro Devices AM186EM Datasheet HTML 93Page - Advanced Micro Devices AM186EM Datasheet HTML 94Page - Advanced Micro Devices AM186EM Datasheet HTML 95Page - Advanced Micro Devices AM186EM Datasheet HTML 96Page - Advanced Micro Devices AM186EM Datasheet HTML 97Page - Advanced Micro Devices AM186EM Datasheet HTML 98Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
96
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
PQL 100 (continued)
0.17
0.27
0.05
0.15
Seating Plane
Detail X
0.17
0.27
0
°–7°
Gage
Plane
0.20
0.45
0.75
0.13
0.20
0
° Min
0.25
0.14
0.18
Section S-S
1.60
Max
Notes:
1. All measurements are in millimeters unless otherwise noted.
2. Not to scale; for reference only.
Max 0.08 Lead Coplanarity
R
pql100
4-15-94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com