Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186EM Datasheet(PDF) 98 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 98 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 90Page - Advanced Micro Devices AM186EM Datasheet HTML 91Page - Advanced Micro Devices AM186EM Datasheet HTML 92Page - Advanced Micro Devices AM186EM Datasheet HTML 93Page - Advanced Micro Devices AM186EM Datasheet HTML 94Page - Advanced Micro Devices AM186EM Datasheet HTML 95Page - Advanced Micro Devices AM186EM Datasheet HTML 96Page - Advanced Micro Devices AM186EM Datasheet HTML 97Page - Advanced Micro Devices AM186EM Datasheet HTML 98Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 98 / 98 page
background image
98
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
PQFP PQR 100 (continued)
0.20 Min. Flat Shoulder
7
° Typ.
0
° Min.
0.30
±0.05 R
Gage
Plane
0.25
0.73
1.03
0
°–7°
7
° Typ.
Detail X
0.22
0.38
0.15
0.23
3.35
Max
Section S-S
0.15
0.23
0.22
0.38
Note:
Not to scale; for reference only.
pqr100
4-15-94
Trademarks
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Am386 and Am486 are registered trademarks of Advanced Micro Devices, Inc.
Am186, Am188, E86, K86, Élan, and AMD Facts-On-Demand are trademarks of Advanced Micro Devices, Inc.
FusionE86 is a service mark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com