Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC910L0YIP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC910L0YIP0F
Description  High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0YIP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC910L0YIP0F Datasheet HTML 2Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 3Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 4Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 5Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 9Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Sheet No.: D2-A05602EN
6
PC910L0NSZ0F Series
Fig.1 Test Circuit for Propagation Delay Time and Rise Time, Fall Time
Fig.2 Test Circuit for Enable Propagation Delay Time
Fig.3 Test Circuit for Instantaneous Common Mode Rejection Voltage
1
2
3
45
6
7
8
350Ω
5V
47Ω
Pulse input
IF
CL
VO
*CL includes the probe
and wiring capacitance.
90%
10%
7.5mA
3.75mA
0mA
5V
1.5V
IF
VO
tPHL
tPLH
VOL
tr
tf
5V
350Ω
8
7
6
5
4
3
2
1
Pulse input
VE
IF=7.5mA
VO
CL
1.5V
5V
0.5V
1.5V
3V
VE
VO
tEHL
tELH
VOL
*CL includes the probe
and wiring capacitance.
5V
350Ω
8
7
6
5
4
3
2
1
A
B
GL SW
IF
CL
VCM
*CL includes the probe and wiring capacitance.
1kV
0V
5V
VCM
VO
VOL
VO(MIN.)
VO(MAX.)
VO
(IF=0)
(IF=5mA)
When the switch for
LED sets to A
When the switch for
LED sets to B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com