Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC910L0YIP0F Datasheet(PDF) 12 Page - Sharp Corporation

Part # PC910L0YIP0F
Description  High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0YIP0F Datasheet(HTML) 12 Page - Sharp Corporation

Back Button PC910L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 9Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 10Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 11Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 12Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 13Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Sheet No.: D2-A05602EN
■ Package specification
12
12.0
6.7
520
±2
(Unit : mm)
PC910L0NSZ0F Series
● Sleeve package
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 50 pcs. of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its primary side mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com