Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC910L0YIP0F Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC910L0YIP0F
Description  High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0YIP0F Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC910L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 9Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 10Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 11Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 12Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 13Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Sheet No.: D2-A05602EN
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below
listed guidelines.
Flow soldering should be completed below 270˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400˚C.
Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
10
PC910L0NSZ0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com