Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8563 Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
• 9 •
November
1
0
001
December
1
0
010
Table 18 Years register bits description
08H
Symbol
Description
b7..0
<years>
This register represents the current year value coded in BCD format; value
=00 to 99.
2.7.5 Alarm registers
When one or more of the alarm registers are loaded with a valid minute, hour, day or
weekday and its corresponding
———
AE(Alarm Enable) bit is a logic 0, then that information will be
compared with the current minute, hour, day and weekday. When all enabled comparisons first
match, the bit AF (Alarm Flag) is set.
AF will remain set until cleared by software. Once AF has been cleared it will only be set
again when the time increments to match the alarm condition once more. Alarm registers
whichhavetheir
———
AE bit set at logic 1 will be ignored.
Table 19 Minute alarm register bits description
09H
Symbol
Description
b7
———
AE
———
AE= 0; minute alarm is enabled.
———
AE= 1; minute alarm is disabled.
b6..0
<minute alarm>
These bits represents the minute alarm information coded in BCD
format; value = 00 to 59.
Table 20 Hour alarm register bits description
0AH
Symbol
Description
7
———
AE
———
AE= 0; hour alarm is enabled.
———
AE= 1; hour alarm is disabled.
6to
0
<hour alarm>
These bits represents the hour alarm information coded in BCD
format; value = 00 to 23.
Table 21: Day alarm register bits description
0BH
Symbol
Description
b7
———
AE
———
AE= 0; day alarm is enabled.
———
AE= 1; day alarm is disabled.
b6..0
<day alarm>
These bits represents the day alarm information coded in BCD
format; value = 01 to 31.
Table 22 Weekday alarm register bits description
0CH
Symbol
Description
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com