Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8563 Datasheet(PDF) 18 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 18 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
• 17 •
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD=5V
ILO
output leakage current
VO=VDD or VSS
-1
−
+1
μA
Voltage detector
VLOW
voltage-low detection level
Tamb=25℃
−
0.9
1.0
V
[1] For reliable oscillator start-up at power-up: VDD(min) power-up =VDD(min) +0.3 V.
[2] Timer source clock = 1⁄60 Hz; SCL and SDA = VDD.
[3] Tested on sample basis.
T
amb=25℃;Timer=1
minute.
Fig 14 IDD as a function of VDD; CLKOUT disabled
T
amb=25℃;Timer=1
minute.
Fig 15 IDD as a function of VDD; CLKOUT = 32 kHz
V
DD=3V;Timer=1
minute.
Fig 16 IDD as a function of Tamb; CLKOUT = 32 kHz
T
amb=25℃;normalized
to V
DD=3V.
Fig 17 Frequency deviation as function of VDD
Table 30 AC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Oscillator
CL
integrated load capacitance
15
25
35
pF
ΔfOSC/fOSC
oscillator stability
ΔVDD=200mV
Tamb=25℃
−
2×10-7
−
Quartz crystal parameters(fOSC=32.768kHz)
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com